Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC3210T-285 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIC3210T-285
Description  CMOS Linear Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3210T-285 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIC3210T-285 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3210T-285 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3210T-285 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3210T-285 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3210T-285 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2007. 6. 19
2/5
KIC3210T-018 ~ KIC3210T-035
Revision No : 5
Pin Configuration
BYP
IN
ON/OFF
CONTROL
GND
OUT
123
4
5
No.
Symbol
Description
1
INPUT
Supply Input
2
GND
Ground
3
ON/OFF
CONTORL
Enable/Shutdown (Input) : CMOS compatible input.
Logic high=enable, logic low=shutdown. Do not leave open.
4
BYP
Reference Bypass : Connect external 0.01 F
CBYP
1.0 F
capacitor to GND to reduce output noise. May be left open.
5
OUTPUT
Regulator Output
1
2
3
4
5
CIN=1.0µF
Ceramic
COUT=1.0µF
Ceramic
CBYP=0.01
µF
ON/OFF
CONTROL
VIN
VOUT
Enable
Shutdown
ON/OFF CONTROL(Pin 3)
maybe connected directly
to VIN (pin1)
Application Circuit
Line up
Item
Output Voltage
Marking
Package
Item
Output Voltage
Marking
Package
KIC3210T-018
1.8V
18A
TSV
KIC3210T-275
2.75V
27B
TSV
KIC3210T-019
1.9V
19A
KIC3210T-028
2.8V
28A
KIC3210T-020
2.0V
20A
KIC3210T-285
2.85V
28B
KIC3210T-021
2.1V
21A
KIC3210T-029
2.9V
29A
KIC3210T-022
2.2V
22A
KIC3210T-030
3.0V
30A
KIC3210T-023
2.3V
23A
KIC3210T-031
3.1V
31A
KIC3210T-024
2.4V
24A
KIC3210T-032
3.2V
32A
KIC3210T-025
2.5V
25A
KIC3210T-033
3.3V
33A
KIC3210T-026
2.6V
26A
KIC3210T-034
3.4V
34A
KIC3210T-027
2.7V
27A
KIC3210T-035
3.5V
35A


Similar Part No. - KIC3210T-285

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3210T-285 KEC-KIC3210T-285 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
More results

Similar Description - KIC3210T-285

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3201S KEC-KIC3201S_07 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S KEC-KIC3201S_15 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
logo
Toshiba Semiconductor
TCK106AG TOSHIBA-TCK106AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S58AFE TOSHIBA-TC75S58AFE Datasheet
152Kb / 8P
   CMOS Linear Integrated Circuit Silicon Monolithic
TCB010FNG TOSHIBA-TCB010FNG Datasheet
671Kb / 26P
   CMOS Linear Integrated Circuit Silicon Monolithic
TC75S201L6X TOSHIBA-TC75S201L6X Datasheet
229Kb / 7P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2941HQ TOSHIBA-TB2941HQ Datasheet
1,017Kb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB2938HQ TOSHIBA-TB2938HQ Datasheet
551Kb / 26P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TCK106AF TOSHIBA-TCK106AF Datasheet
585Kb / 12P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TB2996HQ TOSHIBA-TB2996HQ Datasheet
1Mb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com