Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM36F6 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MCM36F6
Description  256KB and 512KB Synchronous Fast Static RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM36F6 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM36F6 Datasheet HTML 1Page - Motorola, Inc MCM36F6 Datasheet HTML 2Page - Motorola, Inc MCM36F6 Datasheet HTML 3Page - Motorola, Inc MCM36F6 Datasheet HTML 4Page - Motorola, Inc MCM36F6 Datasheet HTML 5Page - Motorola, Inc MCM36F6 Datasheet HTML 6Page - Motorola, Inc MCM36F6 Datasheet HTML 7Page - Motorola, Inc MCM36F6 Datasheet HTML 8Page - Motorola, Inc MCM36F6 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MCM36F6
•MCM36F7
1
MOTOROLA FAST SRAM
Advance Information
256KB and 512KB Synchronous
Fast Static RAM Module
The MCM36F6 (256KB) is configured as 64K x 36 bits and the MCM36F7
(512KB) is configured as 128K x 36 bits. Both are packaged in a 144–pin dual–
in–line memory module (DIMM). Each module uses Motorola’s 3.3 V 64K x 18
bit flow–through BurstRAMs.
Address (A), data inputs (DQ, DP), and all control signals except output enable
(G) are clock (K) controlled through positive–edge–triggered noninverting
registers.
Write cycles are internally self–timed and initiated by the rising edge of the
clock (K) input. This feature provides increased timing flexibility for incoming
signals. Synchronous byte write (BWx) and global byte write (WE) allows writes
to either individual bytes or to both bytes.
• Single 3.3 V + 10%, – 5% Power Supply
• Plug and Pin Compatibility with 1MB and 2MB
• Multiple Clock Pins for Reduced Loading
• All Inputs and Outputs are LVTTL Compatible
• Byte Write and Global Write Capability
• Fast SRAM Access Times: 10 ns
• Berg Connector, Part Number: 61178–31844
• 144–Pin DIMM Module
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MCM36F6/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM36F6
MCM36F7
144–LEAD DIMM
CASE 1154–01
TOP VIEW
143
1
59
61
2/10/98
© Motorola, Inc. 1998


Similar Part No. - MCM36F6

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM36F8DG10 MOTOROLA-MCM36F8DG10 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM36F9 MOTOROLA-MCM36F9 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM36F9DG10 MOTOROLA-MCM36F9DG10 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
More results

Similar Description - MCM36F6

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
   2MB and 4MB Synchronous Fast Static RAM Module
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz