![]() |
Electronic Components Datasheet Search |
|
MCM36F6 Datasheet(PDF) 8 Page - Motorola, Inc |
|
MCM36F6 Datasheet(HTML) 8 Page - Motorola, Inc |
8 / 10 page ![]() MCM36F6 •MCM36F7 8 MOTOROLA FAST SRAM AC OPERATING CONDITIONS AND CHARACTERISTICS (VDD = 3.3 V + 10%, – 5%, TA = 0 to 70°C, Unless Otherwise Noted) Input Timing Measurement Reference Level 1.5 V . . . . . . . . . . . . . . . Input Pulse Levels 0 to 3.0 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input Rise/Fall Time 1 V/ns (20 to 80%) . . . . . . . . . . . . . . . . . . . . . . . Output Timing Reference Level 1.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . Output Load See Figure 1 Unless Otherwise Noted . . . . . . . . . . . . . . DATA RAM READ/WRITE CYCLE TIMING (See Notes 1, 2, 3, and 4) P Sb l MCM36F6 – 10 MCM36F7 – 10 Ui N Parameter Symbol Min Max Unit Notes Cycle Time tKHKH 15 — ns Clock Access Time tKHQV — 10 ns Output Enable to Output Valid tGLQV — 5 ns Clock High to Output Active tKHQX1 0 — ns 5 Clock High to Output Change tKHQX2 3 — ns 5 Output Enable to Output Active tGLQX 0 — ns 5 Output Disable to Q High–Z tGHQZ — 5 ns 5, 6 Clock High to Q High–Z tKHQZ 3 5 ns 5, 6 Clock High Pulse Width tKHKL 5 — ns Clock Low Pulse Width tKLKH 5 — ns Setup Times: Address ADSP Data In Write Chip Enable tAVKH tADKH tDVKH tWVKH tEVKH 2.5 — ns Hold Times: Address ADSP, ADSC, ADV Data In Write Chip Enable tKHAX tKHADX tKHDX tKHWX tKHEX 0.5 — ns NOTES: 1. Write is defined as either any BWx and SW low or WE is low. 2. Chip Enable is defined as E0 low, SE2 high, and SE3 low whenever ADSP or ADSC is asserted. 3. All read and write cycle timings are referenced from K0 or G0. 4. G0 is a don’t care after write cycle begins. To prevent bus contention, G0 should be negated prior to start of write cycle. 5. This parameter is sampled and not 100% tested. 6. Measured at ± 200 mV from steady state. OUTPUT Z0 = 50 Ω 50 Ω VL = 1.5 V TIMING LIMITS The table of timing values shows either a minimum or a maximum limit for each parameter. Input requirements are specified from the external system point of view. Thus, ad- dress setup time is shown as a minimum since the system must supply at least that much time (even though most devices do not require it). On the other hand, responses from the memory are specified from the device point of view. Thus, the access time is shown as a maximum since the device never provides data later than that time. Figure 1. AC Test Load |
Similar Part No. - MCM36F6 |
|
Similar Description - MCM36F6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |
allmanual.com |