Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM36F6 Datasheet(PDF) 6 Page - Motorola, Inc

Part No. MCM36F6
Description  256KB and 512KB Synchronous Fast Static RAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM36F6 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM36F6 Datasheet HTML 2Page - Motorola, Inc MCM36F6 Datasheet HTML 3Page - Motorola, Inc MCM36F6 Datasheet HTML 4Page - Motorola, Inc MCM36F6 Datasheet HTML 5Page - Motorola, Inc MCM36F6 Datasheet HTML 6Page - Motorola, Inc MCM36F6 Datasheet HTML 7Page - Motorola, Inc MCM36F6 Datasheet HTML 8Page - Motorola, Inc MCM36F6 Datasheet HTML 9Page - Motorola, Inc MCM36F6 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MCM36F6
•MCM36F7
6
MOTOROLA FAST SRAM
TRUTH TABLE (See Notes 1 through 4)
Next Cycle
Address Used
Ex
ADSP
Gx
DQx
WRITE2, 4
Deselect
None
1
0
X
High–Z
X
Begin Read
External
0
0
0
DQ
Read
Read
Current
X
1
1
High–Z
Read
Read
Current
X
1
0
DQ
Read
Begin Write
External
0
0
X
High–Z
Write
Write
Current
X
1
X
High–Z
Write
NOTES:
1. X = don’t care, 1 = logic high, 0 = logic low.
2. Write is defined as either any BWx or WE low.
3. Gx is an asynchronous signal and is not sampled by the clock K. Gx drives the bus immediately (tGLQX) following Gx going low.
4. On write cycles that follow read cycles, Gx must be negated prior to the start of the write cycle to ensure proper write data setup times. Gx
must also remain negated at the completion of the write cycle to ensure proper write data hold times.
ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS = 0 V)
Rating
Symbol
Value
Unit
Power Supply Voltage
VDD
– 0.5 to + 4.6
V
Voltage Relative to VSS
Vin, Vout
– 0.5 to VDD + 0.5
V
Output Current (per I/O)
Iout
± 20
mA
Ambient Temperature
TA
0 to 70
°C
Die Temperature
TJ
110
°C
Temperature Under Bias
Tbias
– 10 to + 85
°C
Storage Temperature
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to this high–impedance
circuit.
This BiCMOS memory circuit has been
designed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established.
This device contains circuitry that will
ensure the output devices are in High–Z at
power up.


Similar Part No. - MCM36F6

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM36F8DG10 MOTOROLA-MCM36F8DG10 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM36F9 MOTOROLA-MCM36F9 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM36F9DG10 MOTOROLA-MCM36F9DG10 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
More results

Similar Description - MCM36F6

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
   512KB and 1MB Synchronous Fast Static RAM Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
   1MB and 2MB Synchronous Fast Static RAM Module
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
   8MB Synchronous Fast Static RAM Module
MCM72F8 MOTOROLA-MCM72F8 Datasheet
167Kb / 12P
   2MB and 4MB Synchronous Fast Static RAM Module
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz