Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA2431AT Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA2431AT
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA2431AT Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA2431AT Datasheet HTML 1Page - KEC(Korea Electronics) KIA2431AT Datasheet HTML 2Page - KEC(Korea Electronics) KIA2431AT Datasheet HTML 3Page - KEC(Korea Electronics) KIA2431AT Datasheet HTML 4Page - KEC(Korea Electronics) KIA2431AT Datasheet HTML 5Page - KEC(Korea Electronics) KIA2431AT Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2011. 7. 6
2/6
KIA2431P/S/T/M/AP/AS/AT/AM/BM
Revision No : 6
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
MAXIMUM RATINGS (Ta=25
℃)
(Full operating ambient temperature range applies unless otherwise noted.)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Cathode To Anode Voltage
VKA
16
V
Cathode Current Range, Continuous
IK
50
mA
Reference Input Current Range, Continuos
Iref
3
mA
Operating Junction Temperature
Tj
150
Operating Temperature
Topr
-40
~85
Storage Temperature
Tstg
-65
~150
Total Power Dissipation
KIA2431P/AP
PD
700
mW
KIA2431S/AS (Note1)
900
KIA2431T/AT
550
KIA2431AM/BM (Note2)
350
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference
Input Voltage
KIA2431P/S/T/M
Vref
Figure 1
VKA=Vref , IK=10mA
1.222
1.240
1.258
V
KIA2431AP/AS/AT/AM
1.228
1.240
1.252
V
KIA2431BM
1.234
1.240
1.246
V
Reference Input Voltage
Deviation Over Temperature Range
ΔVref
Figure 1
(Note 1)
VKA=Vref , IK=10mA
-
7.0
20
mV
Ratio of Change in Reference Input Voltage
to Change in Cathode to Anode Voltage
ΔVref /
ΔVKA
Figure 2
IK=10mA
ΔVKA=
16V
~Vref
-
-0.6
-1.5
mV/V
Reference Input Current
Ta=25
Iref
Figure 2
IK=10mA, R1=10kΩ, R2=∞
-
0.15
0.5
μA
Reference Input Current
Deviation Over Temperature Range
ΔIref
Figure 2
IK=10mA, R1=10kΩ, R2=∞
-
0.05
0.3
μA
Minimum Cathode Current For Regulation
Imin
Figure 1
VKA=Vref
-
55
80
μA
Off-State Cathode Current
Ioff
Figure 3
VKA=16V, Vref=0V
-
2.6
1000
nA
Dynamic Impedance
Zka
Figure 1
(Note 2)
VKA=Vref, IK=0.08mA~50mA,
f
≦1.0kHz
-
0.22
0.4
Note1) Package Mounted on 99.5% Alumina (10
㎜×8㎜×0.6㎜)
Note2) Package Mounted on a ceramic board (600
㎟×0.8㎜)


Similar Part No. - KIA2431AT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA2431AT KEC-KIA2431AT Datasheet
675Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (PROGRAMMABLE PRECISION REFERENCES)
More results

Similar Description - KIA2431AT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com