Electronic Components Datasheet Search |
|
KIA78R015FP Datasheet(PDF) 6 Page - KEC(Korea Electronics) |
|
KIA78R015FP Datasheet(HTML) 6 Page - KEC(Korea Electronics) |
6 / 8 page 2007. 3. 15 6/8 KIA78R015FP~KIA78R050FP Revision No : 0 ELECTRICAL CHARACTERISTICS KIA78R050FP (Unless otherwise specified, VIN=7V, Tj=25 ) CHARACTERISTIC SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT Output Voltage VOUT VIN=7V, IOUT=0.5A 4.88 5.0 5.12 V 6.0V VIN 12V, 5mA IOUT 1A, 0 Tj 125 4.83 5.0 5.17 Line Regulation Reg Line 6.0V VIN 12V, IOUT=0.5A - 5 20 mV Load Regulation Reg Load VIN=7.0V, 5mA IOUT 1A - 5 20 mV Quiescent Current IQ 6.0V VIN 12V, IOUT=0A - 0.8 1.8 mA 6.0V VIN 12V, IOUT=1A - 10 20 Starting Quiescent Current IQ(start) VIN=2.1V, IOUT=0A - 1.3 5 mA VIN=3.0V, IOUT=1A - 14 30 Output Noise Voltage VNO VIN=7.0V, IOUT=50mA, 10Hz f 100kHz - 150 - Vrms Ripple Rejection R R 6.0V VIN 12V, IOUT=50mA, f=120Hz 48 60 - dB Dropout Voltage VD IOUT=0.5A - 0.3 0.5 V IOUT=1A - 0.5 - Quiescent Current (OFF mode) IQ(OFF) VC=0.4V, 6.0V VIN 12V - 0.5 5 A Output Control Voltage (ON) VC(ON) IOUT=0.1A 2 - - V Output Control Voltage (OFF) VC(OFF) - - - 0.8 V Output Control Current (ON) IC(ON) VIN=VC=7.0V, IOUT=0.1A - 50 100 A Output Control Current (OFF) IC(OFF) VIN=7.0V, VC=0V - 0.1 2 A |
Similar Part No. - KIA78R015FP |
|
Similar Description - KIA78R015FP |