Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA78Q000S Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA78Q000S
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78Q000S Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78Q000S Datasheet HTML 1Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 2Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 3Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 4Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 5Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 6Page - KEC(Korea Electronics) KIA78Q000S Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2004. 10. 28
1/7
SEMICONDUCTOR
TECHNICAL DATA
KIA78Q000S/F~
KIA78Q050S/F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 0
LOW DROP FIXED AND ADJUSTABLE
POSITIVE VOLTAGE REGULATOR
The KIA78Q
S/F is a Low Drop Voltage Regulator able
to provide up to 1A of output current, available even in adjustable
version (Vref=1.25V)
FEATURES
Low Dropout Voltage : 1.1V/Typ. (Iout=1.0A)
Very Low Quiescent Current : 4.2 /Typ.
Output Current up to 1A
Fixed Output Voltage of 1.5V, 1.8V, 2.5V, 2.85V, 3.3V, 5.0V
Adjustable Version Availability : Vref=1.25V
Internal Current and Thermal Limit
Only 10
for stability
Available in
2%(at 25 ) and 4% in full Temperature range
High Ripple Rejection : 80dB/Typ
Temperature Range : 0
125
+
_
6.5 0.2
+
_
+
_
+
_
A
SOT-223
L
K
G
J
H
D
F
E
B
C
0.26+0.09/-0.02
10 MAX
0.1 MAX
1.75 0.25
3.0+0.15/-0.1
2.3 TYP
7 0.3
0.7+0.15/-0.1
1.8 MAX
3.5 0.2
DIM
MILLIMETERS
H
E
B
J
F
F
G
K
L
C
D
A
1. COMMOIN
2. OUTPUT
3. INPUT
1
2
3
LINE UP
ITEM
OUTPUT VOLTAGE (V)
PACKAGE
KIA78Q000S/F
Adjustable (1.25~10V)
S : SOT-223
F : DPAK
KIA78Q015S/F
1.5
KIA78Q018S/F
1.8
KIA78Q025S/F
2.5
KIA78Q028S/F
2.85
KIA78Q033S/F
3.3
KIA78Q050S/F
5.0
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. COMMOIN
2. OUTPUT
3. INPUT
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
10
V
Output Current
S/F
IOUT
1.0
A
Power Dissipation 1
(No heatsink)
S (Note)
PD1
1.0
W
F
1.3
Power Dissipation 2
(Infinite Heatsink)
S
PD2
8.3
W
F
13
Operating Temperature
Topr
0 125
Storage Temperature
Tstg
-55 150
Note) Package Mounted on FR-4 PCB 36 18 1.5 .
: mounting pad for the GND Lead min. 6


Similar Part No. - KIA78Q000S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78Q000PI KEC-KIA78Q000PI Datasheet
63Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA78Q000S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com