Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFF4N60 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # SFF4N60
Description  Silicon N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SFF4N60 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SFF4N60 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF4N60 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF4N60 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF4N60 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF4N60 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF4N60 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd SFF4N60 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.A Jun.2010
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
S
S
S
SFF
FF
FF
FF4N6
4N6
4N6
4N60
0
0
0
S
S
S
Siiiilllliiiic
c
c
co
o
o
on
n
n
n N
N
N
N----Ch
Ch
Ch
Cha
a
a
an
n
n
nn
n
n
nel
el
el
el M
M
M
MOS
OS
OS
OSF
F
F
FET
ET
ET
ET
Features
4A,600V,RDS(on)(Max 2.2Ω)@VGS=10V
Ultra-low Gate Charge(Typical 16nC)
Fast Switching Capability
100%Avalanche Tested
Isolation Voltage(VISO=4000V AC)
Maximum Junction Temperature Range(150℃)
General Description
This Power
MOSFET is
produced using Winsemi's
advanced
planar stripe,VDMOS technology. This latest technology has been
especially designed to minimize on -state resistance,have
a high
rugged
avalanche characteristics.
This devices is specially well
suited
for half
bridge and full
bridge resonant topology
line a
electronic lamp ballast.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
600
V
ID
Continuous Drain Current(@Tc=25℃)
4*
A
Continuous Drain Current(@Tc=100℃)
2.5*
A
IDM
Drain Current Pulsed
(Note1)
16*
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note2)
240
mJ
EAR
Repetitive Avalanche Energy
(Note1)
10
mJ
dv/dt
Peak Diode Recovery dv /dt
(Note3)
4.5
V/ ns
PD
Total Power Dissipation(@Tc=25℃)
33
W
Derating Factor above 25℃
0.26
W/℃
TJ,Tstg
Junction and Storage Temperature
-55~150
TL
Channel Temperature
300
*Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance , Junction -to -Case
-
-
3.79
℃/W
RQJA
Thermal Resistance , Junction-to -Ambient
-
-
62.5
℃/W


Similar Part No. - SFF4N60

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SFF4N60 SEMIWELL-SFF4N60 Datasheet
737Kb / 7P
   N-Channel MOSFET
SFF4N60 SEMIWELL-SFF4N60 Datasheet
314Kb / 5P
   N-Channel MOSFET
SFF4N60 SEMIWELL-SFF4N60_11 Datasheet
314Kb / 5P
   N-Channel MOSFET
More results

Similar Description - SFF4N60

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com