Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR-30 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # DR-30
Description  30W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DR-30 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  DR-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DR-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BlockDiagram
MechanicalSpecification
FileName:DR-30-SPEC2011-06-17
-20
0
10
20
30
40
50
60
70 (VERTICAL)
20
40
60
80
100
AMBIENTTEMPERATURE(
)
TerminalPinNo. Assignment
PinNo.
PinNo.
2
1
5,6
3,4
7
8
Assignment
Assignment
+V
AC/N
AC/L
-V
LED
+V ADJ.
ADMISSIBLEDIN-RAIL:TS35/7.5OR TS35/15
93
6
5
3
4
2
1
7
8
45
68
46.5
46.5
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
ING
CONTROL
O.V.P.
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
85
100
95
120
115
160
140
200
180
240
220
264
90
100
80
70
60
50
40
CaseNo.918BUnit:mm
30WSingleOutputIndustrialDINRailPowerSupply
D R - 3 0 series
DeratingCurve


Similar Part No. - DR-30

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DR-30 ASTRODYNE-DR-30 Datasheet
287Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-30 MEANWELL-DR-30 Datasheet
131Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-30 TOTAL-POWER-DR-30 Datasheet
220Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
logo
Astrodyne Corporation
DR-30-12 ASTRODYNE-DR-30-12 Datasheet
287Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-30-12 MEANWELL-DR-30-12 Datasheet
131Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - DR-30

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DR-30 ASTRODYNE-DR-30 Datasheet
287Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-30 ALTECH-PS-30_1 Datasheet
91Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
PS-30 ALTECH-PS-30 Datasheet
119Kb / 1P
   30W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-30 TOTAL-POWER-DR-30 Datasheet
220Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-30 MEANWELL-DR-30 Datasheet
131Kb / 2P
   30W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45 Datasheet
330Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com