Electronic Components Datasheet Search |
|
DR-15-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd. |
|
DR-15-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd. |
1 / 2 page SPECIFICATION DR-15-5 DR-15-12 DR-15-15 DR-15-24 MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDUP TIME (Typ.) VOLTAGERANGE FREQUENCY RANGE EFFICIENCY (Typ.) ACCURRENT (Typ.) INPUT INRUSHCURRENT (Typ.) SAFETY STANDARDS WORKINGHUMIDITY WORKINGTEMP. STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD Note.5 OVERVOLTAGE 5V 12V 15V 24V 2.4A 1.25A 1A 0.63A 0~2.4A 0~1.25A 0~1A 0~0.63A 12W 15W 15W 15.2W 80mVp-p 120mVp-p 120mVp-p 13.5~16.5V 150mVp-p 21.6~26.4V 2.0% 1.0% 1.0% 1.0% 10.8~13.2V 4.75~5.5V 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1000ms,50ms/230VAC1000ms,50ms/115VAC atfullload 70ms/230VAC16ms/115VAC atfullload 85~264VAC120~370VDC 47~63Hz 77% 84% 83.5% 85% 0.88A/115VAC0.48A/230VAC COLDSTART 35A/115VAC65A/230VAC 105~160% ratedoutputpower Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved 5.75~6.75V Protectiontype: Shutoffo/pvoltage,clampingbyzenerdiode 13.8~16.2V 17.25~20.25V 27.6~32.4V -20~+60 (Referto"DeratingCurve") 20~90%RHnon-condensing -40~+85 ,10~95%RH 0.03%/ (0~50 10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes;Mounting:CompliancetoIEC60068-2-6 1172.3Khrsmin.MIL-HDBK-217F(25 ) 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 5. Constant current operation region is within 60% ~100% rated output voltage. Protection type for short circuit is hiccup mode and will recover automatically after fault condition is removed. FileName:DR-15-SPEC2011-06-17 UL60950-1, TUVEN60950-1a EN50178 pproved,designreferto CompliancetoEN55011,EN55022(CISPR22),EN61204-3ClassB, EN61000-3-2,-3 CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61000-6-2,EN61204-3,heavyindustrylevel,criteria A 15WSingleOutputIndustrialDINRailPowerSupply D R - 1 5 series RIPPLE&NOISE(max.) Note.2 VOLTAGETOLERANCE Note.3 ENVIRONMENT PROTECTION SAFETY & EMC (Note4) WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:3KVAC I/P-O/P:100MOhms/500VDC /25 /70%RH Universal AC input/Full range Protections: Short circuit / Overload / Over voltage Cooling by free air convection Can be installed on DIN rail TS-35/7.5 or 15 Isolation class LED indicator for power on 100% full load burn-in test 3 years warranty No load power consumption<0.5W Features : 25*93*56mm(W*H*D) 0.1Kg;140pcs/15Kg/0.92CUFT EMCIMMUNITY EMCEMISSION |
Similar Part No. - DR-15-12 |
|
Similar Description - DR-15-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |