Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK672-040-E Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # STK672-040-E
Description  Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-040-E Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button STK672-040-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 13Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 14Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 15Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 16Page - Sanyo Semicon Device STK672-040-E Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STK672-040-E
No. 5227-13/19
• Excitation phases before and after excitation mode switching <counterclockwise direction>
B24
23
24
25
28
29
0 1
4
5
8
9
12
13
16
17
20
21
A
A
A
0
16
15
31
A
A
B
B
B24
25
26
27
28
29
30 31 0 1 2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
24
26
28
30 0 2
4
6
8
10
12
14
16
18
20
22
22
23
A
A
B
B
8
7
12
4
28
20
20
24
28 0 4
8
12
16
B24
30
A
A
A
0
16
22
24
28
0
4
8
12
16
20
20
28
4
12
16
28
24
20
0
4
12
16
18
20
22
24
25
27
29
31
1
3
5
7
9
23
22
8
24
20
10
26
18
12
16 14
28
30
6
4
2
0
11
21
13
19
15
17
24
28 0 4
8
12
16
20
26
28
30
0
2
4
6
8
10
12
14
6
B
B
A
B
A
B
30
2
26
6
10
14
22
18
A
B
A
B
A
B
A
B
B
A
A
B
B
8
14
12
4
28
20
2W1-2 phase
→ 2 phase
2W1-2 phase
→ 1-2 phase
2W1-2 phase
→ W1-2 phase
W1-2 phase
→ 2 phase
W1-2 phase
→ 1-2 phase
W1-2 phase
→ 2W1-2 phase
1-2 phase
→ 2 phase
1-2 phase
→ W1-2 phase
1-2 phase
→ 2W1-2 phase
2 phase
→1-2 phase
2 phase
→ W1-2 phase
2 phase
→ 2W1-2 phase
24
0
8
16
20
26
2
10
28
4
12
20
28
4
12
20
18
28
4
12
A
B
A
B
30
3
27
7
11
15
23
24
28 0 4
8
12
16
20
19
A
B
A
B
27
3
11
19
A
B
A
B
A12400


Similar Part No. - STK672-040-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-040 SANYO-STK672-040 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
More results

Similar Description - STK672-040-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-060-E SANYO-STK672-060-E Datasheet
200Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
EN5228-D SANYO-EN5228-D Datasheet
205Kb / 19P
   Unipolar Constant-current Chopper (external excitation PWM) Circuit
EN7441-D SANYO-EN7441-D Datasheet
196Kb / 19P
   Unipolar Constant-current Chopper (external excitation PWM) Circuit
STK672-050-E SANYO-STK672-050-E Datasheet
206Kb / 19P
   Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-080 SANYO-STK672-080 Datasheet
221Kb / 17P
   Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-110-E SANYO-STK672-110-E Datasheet
79Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com