Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5604TA Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LV5604TA
Description  Bi-CMOS LSI Eight-Channel Switching Regulator Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5604TA Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LV5604TA Datasheet HTML 4Page - Sanyo Semicon Device LV5604TA Datasheet HTML 5Page - Sanyo Semicon Device LV5604TA Datasheet HTML 6Page - Sanyo Semicon Device LV5604TA Datasheet HTML 7Page - Sanyo Semicon Device LV5604TA Datasheet HTML 8Page - Sanyo Semicon Device LV5604TA Datasheet HTML 9Page - Sanyo Semicon Device LV5604TA Datasheet HTML 10Page - Sanyo Semicon Device LV5604TA Datasheet HTML 11Page - Sanyo Semicon Device LV5604TA Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LV5604TA
No.A2027-11/12
(4) External input CLK function (CLK_IN)
Switching operation can be synchronized with external clock input (CLK_IN) by using the CLK_IN pin.
• External clock (CLK_IN) frequency and input level
When using external clock (CLK_IN) input, input a frequency equal to the internal oscillation frequency +20% or
more to CLK_IN. In addition, the CLK_IN configuration is shown in the figure “CLK_IN (input) equivalent circuit
(outline)” below.
The 0.8V reference voltage and CLK_IN are compared to determine the edges, so input a signal of 0.8V or more
(VCC voltage or less) as the external clock (CLK_IN).
• External/internal clock switching
Set the CTL pin Low before switching between the external clock and the internal clock.
• Maximum ON duty
The maximum ON duty (Duty_MAX*) of channel 1 to channel 4 is the 85% (typ.) setting. When using the external
clock (CLK_IN), the maximum ON duty (Duty_MAX*) becomes smaller, so care must be taken for the set output
voltage.
(CLK_IN (input) equivalent circuit (outline))
(5) SCP function
• Description of operation
When FB1 to FB8 go High due to the load being shorted or other reason, charging to the SCP pin starts, and if output
does not recover during the set time Tscp, the protective circuit (SCP) operates. When the protection circuit (SCP)
operates, all channel outputs are turned OFF. When not using the protection function (SCP), the SCP pin must be
shorted to GND_S with a line that is as short as possible.
When the SCP function operates and SCP_OUT goes High, all outputs are latched OFF. This latched state is
canceled by setting the CTL pin Low or by turning the power supply off.
• SCP_OUT
The SCP_OUT pin functions to notify an external microcontroller or other component of the SCP (short circuit
protection) and CTL status. The output configuration is an open drain output, and a pull-up resistor is used. When
not used, leave this pin open.
• Switching time
The SCP_OUT switching time is set by the capacitor connected to the SCP pin.
(SCP charging operation)
(SCP and SCP_OUT operation)
CLK_IN
0.8V
SCP [V]
SCP
CTL
SCP_OUT
T [s]
tscp
SCP operation
Charging with
Iscp = 4 [
μA]
Threshold voltage
1.25 (TYP)
Output short circuit
1.25 [V]
(TYP)


Similar Part No. - LV5604TA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5604T SANYO-LV5604T Datasheet
151Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
LV5604T SANYO-LV5604T Datasheet
155Kb / 12P
   Eight-Channel Switching Regulator Controller
LV5604T SANYO-LV5604T Datasheet
155Kb / 12P
   Eight-Channel Switching Regulator Controller
LV5604T SANYO-LV5604T_09 Datasheet
155Kb / 12P
   Eight-Channel Switching Regulator Controller
More results

Similar Description - LV5604TA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5604T SANYO-LV5604T Datasheet
151Kb / 12P
   Bi-CMOS LSI Eight-Channel Switching Regulator Controller
LV5603T SANYO-LV5603T Datasheet
127Kb / 12P
   Bi-CMOS LSI Six-Channel Switching Regulator Controller
LV5743V SANYO-LV5743V Datasheet
75Kb / 6P
   Bi-CMOS LSI 2-channel Step-down Switching Regulator
LV5744V SANYO-LV5744V Datasheet
77Kb / 6P
   Bi-CMOS LSI 2-channel Step-down Switching Regulator
LV5604T SANYO-LV5604T_09 Datasheet
155Kb / 12P
   Eight-Channel Switching Regulator Controller
LV8747T SANYO-LV8747T Datasheet
228Kb / 21P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver and Switching Regulator Controller
LV8743V SANYO-LV8743V Datasheet
268Kb / 21P
   Bi-CMOS LSI PWM Constant-Current Control Stepping Motor Driver and Switching Regulator Controller
LV1117 SANYO-LV1117 Datasheet
225Kb / 3P
   Bi-CMOS LSI
LV5254LG SANYO-LV5254LG Datasheet
141Kb / 14P
   Bi-CMOS LSI Inverting Charge Pump Regulator IC
LV8085CL SANYO-LV8085CL Datasheet
64Kb / 5P
   Bi-CMOS LSI Two-channel H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com