Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5065VB Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LV5065VB
Description  Bi-CMOS IC Built-in 2-channels DC/DC Converter Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV5065VB Datasheet(HTML) 8 Page - Sanyo Semicon Device

  LV5065VB Datasheet HTML 1Page - Sanyo Semicon Device LV5065VB Datasheet HTML 2Page - Sanyo Semicon Device LV5065VB Datasheet HTML 3Page - Sanyo Semicon Device LV5065VB Datasheet HTML 4Page - Sanyo Semicon Device LV5065VB Datasheet HTML 5Page - Sanyo Semicon Device LV5065VB Datasheet HTML 6Page - Sanyo Semicon Device LV5065VB Datasheet HTML 7Page - Sanyo Semicon Device LV5065VB Datasheet HTML 8Page - Sanyo Semicon Device LV5065VB Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LV5065VB
PS No.A2003-8/9
Shoot through protection
At the same time on prevention dead time1 (Tdead1): LDRV OFF → HDRV ON
• HDRV is turned on after typ_50ns after LDRV became 2V in the LDRV off → HDRV on.
At the same time on prevention dead time2 (Tdead2): HDRV OFF → LDRV ON
• LDRV is turned on after typ_50ns after SW became 2V in the HDRV off → LDRV on.
LDRV compulsion ON delay time
• Even if SW does not reach 2V when HDRV reaches MAX_duty, LDRV is performed ON of forcibly after about
50ns. This price changes by Ciss of the external MOSFET.
LDRV
HDRV
SW
At the same time
on prevention
dead time 1
Typ_50ns
LDRV
HDRV
SW
Vth_2V
At the same time
on prevention
dead time 2
Typ_50ns
LDRV
HDRV
SW
HDRV-SW
(Hi-side_mosfet_Vgs)
LDRV compulsion ON timing
MAX_duty time
dead time
Typ_50ns


Similar Part No. - LV5065VB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5061V SANYO-LV5061V Datasheet
157Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator Controller
logo
ON Semiconductor
LV5061V ONSEMI-LV5061V Datasheet
114Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator
August, 2013
LV5061V-TLM-H ONSEMI-LV5061V-TLM-H Datasheet
114Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LV5066V SANYO-LV5066V Datasheet
109Kb / 5P
   Bi-CMOS IC Low power consumption and high efficiency Step-down Switching Regulator Controller
LV5068V SANYO-LV5068V Datasheet
168Kb / 6P
   Low power consumption and high efficiency Step-down Switching Regulator Controller
More results

Similar Description - LV5065VB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5052V ONSEMI-LV5052V Datasheet
104Kb / 9P
   DC/DC Converter Controller Built-in 2-channels
August, 2013
logo
Sanyo Semicon Device
LV5050NV SANYO-LV5050NV Datasheet
104Kb / 7P
   Bi-CMOS IC DC / DC Converter Controller
LV5050V SANYO-LV5050V Datasheet
80Kb / 7P
   CMOS IC DC / DC Converter Controller
logo
Rohm
BD9102FVM ROHM-BD9102FVM Datasheet
294Kb / 5P
   1ch DC/DC Converter Controller IC built in synchronous rectifier
BD9104FVM ROHM-BD9104FVM Datasheet
296Kb / 5P
   1ch DC/DC Converter Controller IC built in synchronous rectifier
BD9107FVM ROHM-BD9107FVM Datasheet
311Kb / 5P
   1ch DC/DC Converter Controller IC built in synchronous rectifier
BD9106FVM ROHM-BD9106FVM Datasheet
309Kb / 5P
   1ch DC/DC Converter Controller IC built in synchronous rectifier
logo
Sanyo Semicon Device
LV5044V SANYO-LV5044V Datasheet
237Kb / 7P
   Bi-CMOS IC 2ch step-down circuit DC-DC Converter Controller
LV56351JA SANYO-LV56351JA Datasheet
316Kb / 8P
   Bi-CMOS IC 1ch DC/DC boost converter
logo
Rohm
BD9120HFN ROHM-BD9120HFN Datasheet
353Kb / 6P
   1ch DC/DC Converter Controller IC with Built-in Synchronous rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com