Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM32N864 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MCM32N864
Description  256KB Secondary Cache Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM32N864 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM32N864 Datasheet HTML 1Page - Motorola, Inc MCM32N864 Datasheet HTML 2Page - Motorola, Inc MCM32N864 Datasheet HTML 3Page - Motorola, Inc MCM32N864 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCM32N864
•MCM32N865•MCM32P864•MCM32P865
3
MOTOROLA FAST SRAM
MCM32N865
486 256KB CACHE MODULE BLOCK DIAGRAM
WITH 8 TAG BITS AND DIRTY
A1 – A14
A1 – A14
DQ0 – DQ7
DQ0 – DQ7
E
G
A0
W
32K x 8
E
G
A0
W
32K x 8
CE0
A1 – A14
A1 – A14
DQ0 – DQ7
DQ0 – DQ7
E
G
A0
W
32K x 8
E
G
A0
W
32K x 8
CE1
A1 – A14
A1 – A14
DQ0 – DQ7
DQ0 – DQ7
E
G
A0
W
32K x 8
E
G
A0
W
32K x 8
CE2
A1 – A14
A1 – A14
DQ0 – DQ7
DQ0 – DQ7
E
G
A0
W
32K x 8
E
G
A0
W
32K x 8
CE3
CWE1
G1
CA3B
CWE0
G0
CA3A
DQ0 – DQ7
DQ8 – DQ15
DQ16 – DQ23
DQ24 – DQ31
DIRTY
DIRTYWE
A0 – A13
DQ
W
16K x 1
74F244
A0 – A13
DQ0 – DQ7
W
16K x 8
TE
TWE
TDQ0 – TDQ7
A4 – A17
8
8
8
8
14
E
E


Similar Part No. - MCM32N864

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM32100 MOTOROLA-MCM32100 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100S10 MOTOROLA-MCM32100S10 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100S80 MOTOROLA-MCM32100S80 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100SG10 MOTOROLA-MCM32100SG10 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100SG80 MOTOROLA-MCM32100SG80 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
More results

Similar Description - MCM32N864

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM32A732 MOTOROLA-MCM32A732 Datasheet
172Kb / 12P
   128KB/256KB Secondary Cache Module
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
   256KB Asynchronous Secondary Cache Module for PowerPC
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
ACCUTEK MICROCIRCUIT CORPORATION
ACCUTEK MICROCIRCUIT CO...
AKCM6432T ACCUTEK-AKCM6432T_09 Datasheet
234Kb / 9P
   512KB SECONDARY CACHE MODULE
Motorola, Inc
Motorola, Inc
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz