Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM32N864 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MCM32N864
Description  256KB Secondary Cache Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM32N864 Datasheet(HTML) 2 Page - Motorola, Inc

  MCM32N864 Datasheet HTML 1Page - Motorola, Inc MCM32N864 Datasheet HTML 2Page - Motorola, Inc MCM32N864 Datasheet HTML 3Page - Motorola, Inc MCM32N864 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PIN ASSIGNMENT
CACHE MODULE
112 PIN CARDEDGE
TOP VIEW
VSS
DQ0
DQ2
DQ4
DQ6
VCC5
NC
DQ8
DQ10
DQ12
VSS
DQ14
DQ16
DQ18
DQ20
VCC5
DQ22
NC
DQ24
DQ26
VSS
DQ28
DQ30
CA3B
CA3A
VCC5
A4
A6
A8
A10
A12
A14
A16
NC
VSS
NC
TDQ0
TDQ2
TDQ4
VSS
TDQ6
NC
TE
TWE
VCC5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
VSS
DQ1
DQ3
DQ5
DQ7
VCC3
NC
DQ9
DQ11
DQ13
VSS
DQ15
DQ17
DQ19
DQ21
VCC3
DQ23
NC
DQ25
DQ27
VSS
DQ29
DQ31
NC
NC
VCC3
A5
A7
A9
A11
A13
A15
A17
NC
VSS
NC
TDQ1
TDQ3
TDQ5
VSS
TDQ7
DIRTY*
NC
CE0
VCC3
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
VSS
G1
CWE1
PD1
PD3
NC
VSS
46
47
48
49
50
51
52
53
54
55
56
102
103
104
105
106
107
108
109
110
111
112
VSS
NC
*DIRTYWE
NC
VCC5
G0
CWE0
PD0
PD2
NC
VSS
CE1
CE2
CE3
VCC3
PIN NAMES
A4 – A17
Address Inputs
. . . . . . . . . . . . . . . . . . . . . .
CA3A, CA3B
Bank Address Inputs
. . . . . . . . . . . . . .
CWEx
Bank Write Enable
. . . . . . . . . . . . . . . . . . . . .
CEx
Byte Chip Enable
. . . . . . . . . . . . . . . . . . . . . . . .
G0, G1
Bank Output Enable
. . . . . . . . . . . . . . . . . . .
DQ0 – DQ31
Cache Data Input/Output
. . . . . . . . . .
TDQ0 – TDQ8
Tag Data Input/Output
. . . . . . . . . . .
TWE
Tag Write Enable
. . . . . . . . . . . . . . . . . . . . . . . .
TE
Tag Chip Enable
. . . . . . . . . . . . . . . . . . . . . . . . . .
DIRTYWE
Dirty Write Enable
. . . . . . . . . . . . . . . . . .
DIRTY
Dirty Input/Output
. . . . . . . . . . . . . . . . . . . . . .
PD0 – PD3
Presence Detect
. . . . . . . . . . . . . . . . . .
NC
No Connect
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC5
+5 V Power Supply
. . . . . . . . . . . . . . . . . . . . .
VCC3
+3.3 V Power Supply
. . . . . . . . . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
* No Connect for MCM32N864 and MCM32P864
MCM32N864
•MCM32N865•MCM32P864•MCM32P865
2
MOTOROLA FAST SRAM
PD3
PD2
PD1
PD0
Cache
Size
Dirty
Module
NC
NC
NC
NC
No Module
NC
GND
NC
NC
256KB
No
32N864
32P864
GND
GND
NC
NC
256KB
Yes
32N865
32P865


Similar Part No. - MCM32N864

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM32100 MOTOROLA-MCM32100 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100S10 MOTOROLA-MCM32100S10 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100S80 MOTOROLA-MCM32100S80 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100SG10 MOTOROLA-MCM32100SG10 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM32100SG80 MOTOROLA-MCM32100SG80 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
More results

Similar Description - MCM32N864

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM32A732 MOTOROLA-MCM32A732 Datasheet
172Kb / 12P
   128KB/256KB Secondary Cache Module
MPC2001 MOTOROLA-MPC2001 Datasheet
88Kb / 4P
   256KB Asynchronous Secondary Cache Module for PowerPC
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72JG32 MOTOROLA-MCM72JG32 Datasheet
296Kb / 16P
   256KB and 512KB Pipelined BurstRAM Secondary Cache Module for Pentium
ACCUTEK MICROCIRCUIT CORPORATION
ACCUTEK MICROCIRCUIT CO...
AKCM6432T ACCUTEK-AKCM6432T_09 Datasheet
234Kb / 9P
   512KB SECONDARY CACHE MODULE
Motorola, Inc
Motorola, Inc
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz