Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA6588MC Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA6588MC
Description  Monolithic Linear IC 24V power supply, BTL output linear drive Single-phase Fan Motor IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6588MC Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA6588MC Datasheet HTML 1Page - Sanyo Semicon Device LA6588MC Datasheet HTML 2Page - Sanyo Semicon Device LA6588MC Datasheet HTML 3Page - Sanyo Semicon Device LA6588MC Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LA6588MC
No.A2020-3/4
Package Dimensions
unit : mm (typ)
3420
Pin Assignment
Block Diagram
OUT1
IN+
IN-
OUT2
1.5V REG
H
HB
GND
VCC
CT
FG
RD
CT=0.47 to 1
μF
AMP
Power supply
Control
circuit
Charge discharge
Discharge pulse
Pd max -- Ta
Ambient temperature, Ta --
°C
MSG06804
-30
0
30
60
90
120
0
0.2
0.4
0.6
0.8
1.0
0.384
Mounted on specified board: 114.3
×76.1×1.6mm3
glass epoxy board.
SANYO : MFP10SK(225mil)
1
10
2
0.8 MAX
1.0
0.35
5.0
0.15
1
2
3
4
5
10
9
8
7
6
IN+
IN-
HB
CT
OUT1
RD
VCC
FG
OUT2
GND
Top View
LA6588MC


Similar Part No. - LA6588MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA6588MC ONSEMI-LA6588MC Datasheet
73Kb / 4P
   Single-phase Fan Motor IC
May, 2013
LA6588MC ONSEMI-LA6588MC Datasheet
183Kb / 8P
   Single?릔hase Fan Motor IC, 24V Power Supply BTL Output Linear Drive
February, 2018 ??Rev. 1
LA6588MC-AH ONSEMI-LA6588MC-AH Datasheet
183Kb / 8P
   Single?릔hase Fan Motor IC, 24V Power Supply BTL Output Linear Drive
February, 2018 ??Rev. 1
LA6588MC-W-AH ONSEMI-LA6588MC-W-AH Datasheet
183Kb / 8P
   Single?릔hase Fan Motor IC, 24V Power Supply BTL Output Linear Drive
February, 2018 ??Rev. 1
LA6588MC ONSEMI-LA6588MC_18 Datasheet
183Kb / 8P
   Single?릔hase Fan Motor IC, 24V Power Supply BTL Output Linear Drive
February, 2018 ??Rev. 1
More results

Similar Description - LA6588MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6588M SANYO-LA6588M Datasheet
112Kb / 5P
   Monolithic Linear IC 24V power supply, BTL output linear drive Single-phase Fan Motor IC
LA6585T SANYO-LA6585T Datasheet
62Kb / 4P
   Monolithic Linear IC BTL Drive Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LA6588MC ONSEMI-LA6588MC_18 Datasheet
183Kb / 8P
   Single?릔hase Fan Motor IC, 24V Power Supply BTL Output Linear Drive
February, 2018 ??Rev. 1
logo
Sanyo Semicon Device
LA6583MC SANYO-LA6583MC Datasheet
89Kb / 5P
   Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581CL SANYO-LA6581CL Datasheet
66Kb / 5P
   Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6587T SANYO-LA6587T Datasheet
64Kb / 5P
   Monolithic Linear IC Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA4810M SANYO-LA4810M Datasheet
622Kb / 12P
   Monolithic Linear IC Stereo/Monaural BTL Power
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11669M SANYO-LB11669M Datasheet
117Kb / 4P
   Monolithic Linear IC For Fan Motor Two-Phase Half-Wave Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com