Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRT-240 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # DRT-240
Description  240W Three Phase Industrial DIN RAIL Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

DRT-240 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  DRT-240_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. DRT-240_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
FileName:DRT-240-SPEC2011-06-17
CaseNo.922A
Unit:mm
AMBIENTTEMPERATURE(
)
-20
0
10
20
30
40
50
60
70(VERTICAL)
20
40
60
80
100
StaticCharacteristics
INPUTVOLTAGE(VAC)60Hz
340
355
370
385
400
415
475
430
490
460
505
520 550
90
100
80
70
60
50
40
Threephaseoperation
Dualphaseoperation
BlockDiagram
fosc:70KHz
O.V.P.
CONTROL
FG
I/P
-V
+V
RECTIFIERS
&
FILTER
SWITCHING
POWER
FILTER
&
RECTIFIERS
FILTER
EMI
O.L.P.
DETECTION
CIRCUIT
PWM
O.T.P.
CURRENT
LIMIT
TerminalPinNo. Assignment(TB1)
TerminalPinNo. Assignment(TB2)
PinNo.
PinNo.
1
1,2
2
3,4
3
4
Assignment
Assignment
FG
AC/L2
AC/L1
AC/L3
DCOUTPUT +V
DCOUTPUT -V
ADMISSIBLEDIN-RAIL: TS35/7.5OR TS35/15
35
1
2
3
4
LED
TB1
TB2
2
3
1
125.5
100
+V ADJ.
4
240W ThreePhaseIndustrialDINRAIL PowerSupply
D R T- 2 4 0 series


Similar Part No. - DRT-240_11

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRT-240-24 ASTRODYNE-DRT-240-24 Datasheet
352Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-240-24 MEANWELL-DRT-240-24 Datasheet
148Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
MicroPower Direct, LLC
DRT-240-24 MPD-DRT-240-24 Datasheet
119Kb / 2P
   Low Cost, Three-Phase 240W, DIN Rail Mount AC/DC Power Supplies
logo
Mean Well Enterprises C...
DRT-240-24 MEANWELL-DRT-240-24 Datasheet
314Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DRT-240-24 TOTAL-POWER-DRT-240-24 Datasheet
392Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
More results

Similar Description - DRT-240_11

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRT-240 ASTRODYNE-DRT-240 Datasheet
352Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-240 MEANWELL-DRT-240 Datasheet
148Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PST240 ALTECH-PST240_1 Datasheet
98Kb / 2P
   240W Three Phase Industrial DIN Rail Power Supply
logo
Total Power Internation...
DRT-240 TOTAL-POWER-DRT-240 Datasheet
392Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-240_0811 MEANWELL-DRT-240_0811 Datasheet
314Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PST240 ALTECH-PST240 Datasheet
145Kb / 1P
   240W Three Phase Industrial DIN Rail Power Supply Pst-240 Series
PSP240 ALTECH-PSP240_1 Datasheet
101Kb / 2P
   240W Single Phase Industrial DIN Rail Power Supply
logo
Applied Motion Products...
PS240D48 AMP-PS240D48 Datasheet
891Kb / 4P
   DIN Rail Power Supply ??Industrial ??240W
logo
CUI INC
VDRT-960-48 CUI-VDRT-960-48 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
VDRT-960-24 CUI-VDRT-960-24 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com