Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELN-30-27 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # ELN-30-27
Description  30W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELN-30-27 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ELN-30-27 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ELN-30-27 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELN-30-27 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
FileName:ELN-30-SPEC 2012-03-20
CaseNo.964A
Unit:mm
fosc:60KHz
DETECTION
PWM
CIRCUIT
O.L.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
DIM-
DIM+
Optional
DimmingControl
PWM
or
1.1~10V
I/P
CONTROL
O.V.P.
&
O.C.P.
320 20
SVT 18AWG 2C
+V(Red)
-V(Black)
320 20
SVT 18AWG 2C
4.38
145
2-R2.25
4.38
AC/L(Brown)
AC/N(Blue)
BlockDiagram
63.5
T case
T case:Max.Case Temperature.
+V(Red)
DIM+(Blue)
-V(Black)
DIM-(White)
OUTPUT(withoptionaldimmingfunction)
UL246418AWG 4C
30WSingleOutputSwitchingPowerSupply
E L N - 3 0 series
-15
-5
0
15
30
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
264
100
90
80
70
60
50
40
DeratingCurve
0
40
50
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE(
)
-20
60
175
(HORIZONTAL)
SVR2
SVR1
Outputvoltageandcurrentadjustment:removetheuppercaseandadjustthroughSVR1&SVR2
showninthediagram.
Outputvoltageadjustment
Outputcurrentadjustment
SVR1
SVR2


Similar Part No. - ELN-30-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-30-27 MEANWELL-ELN-30-27 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
ELN-30-27 MEANWELL-ELN-30-27 Datasheet
254Kb / 3P
   30W Single Output Switching Power Supply
More results

Similar Description - ELN-30-27

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-30 MEANWELL-ELN-30_11 Datasheet
254Kb / 3P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
PLN-30 MEANWELL-PLN-30 Datasheet
166Kb / 2P
   30W Single Output Switching Power Supply
D-30 MEANWELL-D-30 Datasheet
422Kb / 2P
   30W Dual Output Switching Power Supply
T-30 MEANWELL-T-30 Datasheet
445Kb / 2P
   30W Triple Output Switching Power Supply
ID-30B MEANWELL-ID-30B Datasheet
355Kb / 2P
   30W Dual Output Switching Power Supply
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_12 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com