Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELN-30-5 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # ELN-30-5
Description  30W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELN-30-5 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  ELN-30-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ELN-30-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. ELN-30-5 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DimmingControl(Optional)
Vdc:
1.1~10V
Vdc
(2)PWM (P type,&:ELN-30-
+
DIM+
f
t1
t1
t1+t2
f:100Hz~3KHz
Duty=,0~100%
t2
V
f
DIM-
(1)1.1~10V (Dtype,&:ELN-30-
Lo:0VHi:10V
0
0%
1.1
11%
15%
27.5%
37.5%
60%
77.5%
87.5%
95%
2
20%
3
30%
4
40%
5
50%
6
60%
7
70%
8
80%
9
90%
10
100%
DCInput
DutyCycle
10%
10%
0%
0%
20%
20%
30%
30%
40%
40%
50%
50%
60%
60%
70%
70%
80%
80%
90%
90%
100%
100%
5%
47.5%
30WSingleOutputSwitchingPowerSupply
E L N - 3 0 series
FileName:ELN-30-SPEC 2012-03-20
Levelofoutputcurrentcanbeadjustedthroughthedimmingcontrolfunction.
Whenthereisnosignalsendingtothecontrolwires(opencircuitbetweenthetwocontrolwires),thepowersupply
unitwilloperateas0V(D-type)or 0%duty(P-type)ofinputsignalandhencetheoutputcurrentwillbezero.
12 D)
12 P)


Similar Part No. - ELN-30-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-30-5 MEANWELL-ELN-30-5 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
ELN-30-5 MEANWELL-ELN-30-5 Datasheet
254Kb / 3P
   30W Single Output Switching Power Supply
More results

Similar Description - ELN-30-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELN-30 MEANWELL-ELN-30_11 Datasheet
254Kb / 3P
   30W Single Output Switching Power Supply
ELN-30 MEANWELL-ELN-30 Datasheet
206Kb / 3P
   30W Single Output Switching Power Supply
PLN-30 MEANWELL-PLN-30 Datasheet
166Kb / 2P
   30W Single Output Switching Power Supply
D-30 MEANWELL-D-30 Datasheet
422Kb / 2P
   30W Dual Output Switching Power Supply
T-30 MEANWELL-T-30 Datasheet
445Kb / 2P
   30W Triple Output Switching Power Supply
ID-30B MEANWELL-ID-30B Datasheet
355Kb / 2P
   30W Dual Output Switching Power Supply
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_12 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com