Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUZ111SL Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BUZ111SL
Description  SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ111SL Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BUZ111SL Datasheet HTML 1Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 2Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 3Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 4Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 5Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 6Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 7Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Semiconductor Group
5
28/Jan/1998
BUZ111SL
SPP80N05L
Power dissipation
Ptot = ƒ(TC)
0
20
40
60
80
100
120
140
°C
180
T
C
0
20
40
60
80
100
120
140
160
180
200
220
W
260
P
tot
Drain current
ID = ƒ(TC)
parameter: VGS ≥ 4 V
0
20
40
60
80
100
120
140
°C
180
T
C
0
10
20
30
40
50
60
70
A
90
I
D
Safe operating area
I
D = ƒ(VDS)
parameter: D = 0, T
C = 25°C
0
10
1
10
2
10
3
10
A
I
D
10
0
10
1
10
2
V
V
DS
DC
10 ms
1 ms
100 µs
t
p
= 29.0µs
Transient thermal impedance
Z
th JC = ƒ(tp)
parameter: D = t
p / T
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
K/W
Z
thJC
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn