Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUZ111SL Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BUZ111SL
Description  SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ111SL Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BUZ111SL Datasheet HTML 1Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 2Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 3Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 4Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 5Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 6Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 7Page - Siemens Semiconductor Group BUZ111SL Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Semiconductor Group
4
28/Jan/1998
BUZ111SL
SPP80N05L
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
80
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
320
Inverse diode forward voltage
VGS = 0 V, IF = 160 A
VSD
-
1.25
1.8
V
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/µs
trr
-
105
157
ns
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
0.31
0.47
µC


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn