Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSG-70-36 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # HSG-70-36
Description  70W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HSG-70-36 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  HSG-70-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HSG-70-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HSG-70-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
9.6
300 10
20 1
10
FG(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
V+(Brown)
V-(Blue)
H05RN-F1.0mm 3C
2
H05RN-F1.5mm 2C
2
23
T case
T case:Max.Case Temperature
Io ADJ.
IP65rated.Constantcurrentlevelcanbeadjustedthroughinternal
(Canaccessbyremovingtherubberstopperonthecase.)
potentiometer.
70WSingleOutputSwitchingPowerSupply
CaseNo.209BUnit:mm
103.2
127.2
112.5
100
BlockDiagram
AMBIENTTEMPERATURE(
)
DeratingCurve
DeratingCurve
StaticCharacteristics
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
305
100
90
80
70
60
50
40
(HORIZONTAL)
230VAC
Inputonly
-40
-25
0
-10
15
30
50
60
70
20
40
60
80
100
I/P
FG
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
O.T.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
H S G - 7 0 series
FileName:HSG-70-SPEC2012-03-07


Similar Part No. - HSG-70-36

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSG1001 RENESAS-HSG1001 Datasheet
462Kb / 38P
   SiGeHBT High Frequency Low Noise Amplifier
HSG1001VD RENESAS-HSG1001VD Datasheet
462Kb / 38P
   SiGeHBT High Frequency Low Noise Amplifier
HSG1002 RENESAS-HSG1002 Datasheet
450Kb / 38P
   SiGeHBT High Frequency Low Noise Amplifier
HSG1002VE RENESAS-HSG1002VE Datasheet
450Kb / 38P
   SiGeHBT High Frequency Low Noise Amplifier
HSG1003 RENESAS-HSG1003 Datasheet
478Kb / 38P
   High Frequency Low Noise Amplifier
More results

Similar Description - HSG-70-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-60H-C MEANWELL-HLG-60H-C Datasheet
727Kb / 6P
   70W Single Output LED Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-200 MEANWELL-LRS-200 Datasheet
99Kb / 4P
   200W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com