Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSG-70-18 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HSG-70-18
Description  70W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HSG-70-18 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HSG-70-18 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HSG-70-18 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HSG-70-18 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
HSG-70-18
HSG-70-24
HSG-70-36
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.7
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR(Typ.)
EFFICIENCY(Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
EMCEMISSION
EMCIMMUNITY
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.5
OVERVOLTAGE
OVERTEMPERATURE
18V
11.3~18V
24V
15.5~24V
36V
4.0A
3.0A
2.0A
2.4~4A
1.8~3A
1.2~2A
72W
72W
72W
200mVp-p
200mVp-p
200mVp-p
0.5%
2.5%
2.0%
2000ms,80ms/115VAC10
atfullload
00ms,80ms/230VAC
90~305VAC127~431VDC
47~63Hz
0.85A/115VAC0.425A/230VAC0.4A/277VAC
Coldstart70A/230VAC
<0.75mA /277VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55015,EN61000-3-2ClassC(
65%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;EN61547,EN55024,lightindustrylevel(surge4KV),criteria A
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
-40~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
70WSingleOutputSwitchingPowerSupply
Universal AC input / Full range(up to 305VAC)
Protections:Short circuit/Over load/Over voltage/Over temperature
Built-in active PFC function
High efficiency up to 90%
Cooling by free air convection
IP65 design for indoor and outdoor installations
Small and compact size
High
Suitable for LED lighting and moving sign applications
3 years warranty
reliability,low cost
Features :
H S G - 7 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
100
10
(RTH2)
IP65approved;designreferto TUVEN61347-1,EN61347-2-13,UL8750
HSG-70-48
48V
1.5A
0.9~1.5A
72W
200mVp-p
CURRENT ADJ.RANGE
Canbeadjustedbyinternalpotentiometer
29.3~48V
22.1~36V
FileName:HSG-70-SPEC2012-03-07
127.2*90*38.8mm(L*W*H)
338.2Khrsmin.MIL-HDBK-217F(25
)
0.76Kg;16pcs/12.3Kg/0.57CUFT
HSG-70-12
12V
7.7~12V
5.0A
3~5A
60W
150mVp-p
21~25V
28~34V
41~48V
54~63V
14~17V
89%
89%
90%
90%
88%
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage, please check the static characteristics for more details.
5. Constant current operation region is within 65% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
6. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
IP65
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
CONSTANTCURRENTREGION Note.5
HOLDUP TIME
0.5%
2.0%
1.5%
0.5%
1.0%
0.5%
0.5%
1.0%
0.5%
0.5%
1.0%
0.5%
16msatfullload230VAC/115VAC
SHORTCIRCUIT
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
PF
0.96/115VAC,PF
0.96/230VAC,PF>0.92/277VACatfullload(pleasereferto"PowerFactorcharacteristiccurve")


Similar Part No. - HSG-70-18

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSG1001 RENESAS-HSG1001 Datasheet
462Kb / 38P
   SiGeHBT High Frequency Low Noise Amplifier
HSG1001VD RENESAS-HSG1001VD Datasheet
462Kb / 38P
   SiGeHBT High Frequency Low Noise Amplifier
HSG1002 RENESAS-HSG1002 Datasheet
450Kb / 38P
   SiGeHBT High Frequency Low Noise Amplifier
HSG1002VE RENESAS-HSG1002VE Datasheet
450Kb / 38P
   SiGeHBT High Frequency Low Noise Amplifier
HSG1003 RENESAS-HSG1003 Datasheet
478Kb / 38P
   High Frequency Low Noise Amplifier
More results

Similar Description - HSG-70-18

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-60H-C MEANWELL-HLG-60H-C Datasheet
727Kb / 6P
   70W Single Output LED Power Supply
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
VSBU-150 CUI-VSBU-150 Datasheet
194Kb / 3P
   single output switching power supply
logo
Phihong USA Inc.
PSA-50U-120 PHIHONG-PSA-50U-120 Datasheet
199Kb / 2P
   Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
LRS-200 MEANWELL-LRS-200 Datasheet
99Kb / 4P
   200W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com