Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDD-300L Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # LDD-300L
Description  DC-DC Constant Current LED driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LDD-300L Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LDD-300L Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LDD-300L Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LDD-300L Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
1
2
3
4
5
6
7
8
9
10
300mA
350mA
500mA
600mA
700mA
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
300 mA
350 mA
500 mA
600 mA
700 mA
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
1
2
3
4
5
6
7
300mA
350mA
500mA
600mA
700mA
EfficiencyVSOutputVoltage(NumberofLEDs)
Fig-112VDCinput,1~3LEDs(Vf=3V)
Fig-2
24VDCinput,1~7LEDs(Vf=3V)
Fig-336VDCinput,1~10LEDs(Vf=3V)
OutputVoltage(LEDs)
1
2
OutputVoltage(LEDs)
OutputVoltage(LEDs)
3
75%
75%
75%
70%
70%
65%
70%
80%
80%
80%
85%
85%
85%
90%
90%
90%
95%
95%
95%
100%
100%
100%
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
9
10
Standard Application
+Vin
+Vout
-Vin
H:>3.5~8VDCoropencircuit
L:<0.5VDCorshort
-Vout
1stLED
LastLED
H
PWM
Dimming
L
LDD-L
DC-DCConstantCurrentLEDdriver
L D D - L series
FileName:LDD-L-SPEC2012-03-01


Similar Part No. - LDD-300L

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDD-300L MEANWELL-LDD-300L Datasheet
185Kb / 2P
   DC-DC Constant Current LED driver
LDD-300LS MEANWELL-LDD-300LS Datasheet
149Kb / 6P
   DC-DC Constant Current Step-Down LED driver
LDD-300LW MEANWELL-LDD-300LW Datasheet
149Kb / 6P
   DC-DC Constant Current Step-Down LED driver
More results

Similar Description - LDD-300L

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
   DC-DC Constant Current LED driver
LDD-H_1110 MEANWELL-LDD-H_1110 Datasheet
239Kb / 3P
   DC-DC Constant Current LED driver
LDD-H MEANWELL-LDD-H Datasheet
237Kb / 2P
   DC-DC Constant Current LED driver
logo
List of Unclassifed Man...
GM2102 ETC-GM2102 Datasheet
194Kb / 6P
   CONSTANT CURRENT DC/DC WHITE LED DRIVER
logo
First Components Intern...
LT1932 FCI-LT1932 Datasheet
201Kb / 12P
   Constant-Current DC/DC LED Driver LT1932
logo
AIMTEC
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ Datasheet
213Kb / 4P
   AC-DC Constant Current LED Driver
logo
Linear Technology
LT1932 LINER-LT1932_15 Datasheet
252Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
logo
Mean Well Enterprises C...
LDH-25 MEANWELL-LDH-25 Datasheet
591Kb / 6P
   DC-DC Step-Up Constant Current LED driver
LDB-L MEANWELL-LDB-L Datasheet
86Kb / 3P
   DC-DC Constant Current Buck-Boost LED driver
LDD-300LW MEANWELL-LDD-300LW Datasheet
149Kb / 6P
   DC-DC Constant Current Step-Down LED driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com