Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPF-60-30 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-60-30
Description  60W Single Output Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-60-30 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPF-60-30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-60-30 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-60-30 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.7
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(Typ.)
LEAKAGECURRENT
SAFETY STANDARDS Note.6
EMCIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.4
OVERVOLTAGE
OVERTEMPERATURE
12V
7.2~12V
15V
9~15V
20V
12~20V
24V
14.4~24V
30V
18~30V
36V
21.6~36V
48V
28.8~48V
5A
4A
3A
2.5A
2A
1.67A
1.25A
60W
60W
60W
60W
60W
60.12W
60W
150mVp-p
150mVp-p
150mVp-p
150mVp-p
200mVp-p
250mVp-p
250mVp-p
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.5%
1.0%
0.5%
0.5%
0.5%
0.5%
1000ms,80ms/115VACatfullload1000ms,80ms/230VAC
16ms/230VAC16ms/115VACatfullload
90~305VAC127~431VDC
47~63Hz
PF>0.97/115VAC,PF 0.95/230VAC,
atfullload(Pleasereferto"PowerFactorCharacteristic"curve)
>
PF>0.92/277VAC
86%
87%
88%
89%
90%
90%
90%
COLDSTART 75A/230VAC
<0.75mA /240VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Complianceto EN55015,EN61000-3-2ClassC(
60%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;EN61547,EN55024,lightindustrylevel(surge2KV),criteria A
-40~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
440.5Khrsmin.MIL-HDBK-217F(25
)
162.5*43*32mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Constant current operation region is within 60% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Suitable for indoor use or outdoor use without direct sunlight exposure. Please avoid immerse in the water over 30 minutes.
7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
8. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
0.45Kg;32pcs/15.4Kg/0.93CUFT
Protectiontype: Shutdownandlatchoffo/pvoltage,re-powerontorecover
60WSingleOutputSwitchingPowerSupply
Universal AC input / Full range
Built-in active PFC function
High efficiency up to 90%
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
Class 2 power unit
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
3 years warranty
(up to 305VAC)
Suitable for dry / damp / wet locations
Fully isolated plastic case
Fully encapsulated with IP67 level (Note.6)
Class
power unit, no FG
Features :
L P F - 6 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
90
10
(RTH2)
Protectiontype:Shutdowno/pvoltage, re-powerontorecover
SHORTCIRCUIT
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
54V
32.4~54V
1.12A
60.48W
350mVp-p
4.0%
0.5%
0.5%
42V
25.2~42V
1.43A
60.06W
250mVp-p
4.0%
0.5%
0.5%
90%
90%
15~17V
17.5~21V
23~27V
28~35V
34~40V
41~49V
54~63V
0.8A /115VAC0.4A /230VAC
46~54V
59~66V
FileName:LPF-60-SPEC 2012-03-20
LPF-60-12
LPF-60-15
LPF-60-20
LPF-60-24
LPF-60-30
LPF-60-36
LPF-60-42
LPF-60-48
LPF-60-54
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
EMCEMISSION
I/P-O/P:3.75KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
CONSTANTCURRENTREGION Note.4
IP67
F
M
M
110
SELV
( for 48V,54V only)
( except for 48V,54V )
UL8750,CSA C22.2No.250.0-08(exceptfor48V,54V),EN61347-1,EN61347-2-13independent,IP67,J61347-1,J61347-2-13
approved;designrefertoUL60950-1, TUVEN60950-1


Similar Part No. - LPF-60-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-60-30 MEANWELL-LPF-60-30 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
More results

Similar Description - LPF-60-30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLN-60H_1110 MEANWELL-HLN-60H_1110 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
LPV-60 MEANWELL-LPV-60_12 Datasheet
143Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com