Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPL-18-24 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LPL-18-24
Description  18W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPL-18-24 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPL-18-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPL-18-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
Unit:mm
DeratingCurve
StaticCharacteristics
-30
0
10
20
30
40
50
70
20
40
60
80
100
(HORIZONTAL)
BlockDiagram
DETECTION
PWM
CIRCUIT
EMIFILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
18WSingleOutputSwitchingPowerSupply
INPUTVOLTAGE(VAC)60Hz
90
100
110
120
132
90
100
80
70
60
50
40
fosc:60KHz
RECTIFIERS
60
L P L - 1 8 series
AMBIENTTEMPERATURE( )
UL 101518AWG
UL 101518AWG
140
+V(Red)
-V(Black)
AC/N(Blue)
AC/L(Brown)
300 20
300 20
3.6
3.6
3.5
3.5
FileName:LPL-18-SPEC2011-11-08


Similar Part No. - LPL-18-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPL-18-24 MEANWELL-LPL-18-24 Datasheet
659Kb / 2P
   18W Single Output Switching Power Supply
LPL-18-24 MEANWELL-LPL-18-24 Datasheet
158Kb / 2P
   18W Single Output Switching Power Supply
More results

Similar Description - LPL-18-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPL-18 MEANWELL-LPL-18 Datasheet
659Kb / 2P
   18W Single Output Switching Power Supply
LPLC-18-350 MEANWELL-LPLC-18-350 Datasheet
150Kb / 2P
   18W Single Output Switching Power Supply
LPHC-18 MEANWELL-LPHC-18_11 Datasheet
151Kb / 2P
   18W Single Output Switching Power Supply
LPHC-18 MEANWELL-LPHC-18_12 Datasheet
730Kb / 2P
   18W Single Output Switching Power Supply
LPH-18 MEANWELL-LPH-18_12 Datasheet
739Kb / 2P
   18W Single Output Switching Power Supply
LPH-18 MEANWELL-LPH-18 Datasheet
666Kb / 2P
   18W Single Output Switching Power Supply
LPHC-18-350 MEANWELL-LPHC-18-350 Datasheet
722Kb / 2P
   18W Single Output Switching Power Supply
LPH-18_1107 MEANWELL-LPH-18_1107 Datasheet
148Kb / 2P
   18W Single Output Switching Power Supply
LPLC-18_1111 MEANWELL-LPLC-18_1111 Datasheet
153Kb / 2P
   18W Single Output Switching Power Supply
LPH-18 MEANWELL-LPH-18_11 Datasheet
153Kb / 2P
   18W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com