Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLVU2.8-4 Datasheet(PDF) 5 Page - Protek Devices

Part # SLVU2.8-4
Description  600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVU2.8-4 Datasheet(HTML) 5 Page - Protek Devices

  SLVU2.8-4 Datasheet HTML 1Page - Protek Devices SLVU2.8-4 Datasheet HTML 2Page - Protek Devices SLVU2.8-4 Datasheet HTML 3Page - Protek Devices SLVU2.8-4 Datasheet HTML 4Page - Protek Devices SLVU2.8-4 Datasheet HTML 5Page - Protek Devices SLVU2.8-4 Datasheet HTML 6Page - Protek Devices SLVU2.8-4 Datasheet HTML 7Page - Protek Devices SLVU2.8-4 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05142.R14 10/10
Page 5
SLVU2.8-4
APPLICATION INFORMATION
FIGURE 1 - BIDIRECTIONAL COMMON-MODE PROTECTION
The SLVU2.8-4 provides 4 lines of protection in a common mode configuration. Circuit connectivity is as follows:
• Line 1 connected to Pin 1.
• Line 2 connected to Pin 7.
• Line 3 connected to Pin 3.
• Line 4 connected to Pin 5.
• Pins 2, 4, 7 and 7 are connected to ground.
• External diode to ground is a low capacitance diode of less than 10pF.
CIRCUIT BOARD RECOMMENDATIONS
Circuit board layout is critical for electromagnetic compatibility protection. The following guidelines are recommended:
• The protection device should be placed near the input terminals or connectors, the device will divert the transient current
immediately before it can be coupled into the nearby traces.
• The path length between the TVS device and the protected line should be minimized.
• All conductive loops including power and ground loops should be minimized.
• The transient current return path to ground should be kept as short as possible to reduce parasitic inductance.
• Ground planes should be used whenever possible. For multilayer PCBs, use ground vias.
1
2
4
8
3
5
6
7
Line Pair 1
Line Pair 2
Line Pair 1
Line Pair 2
FIGURE 2 - BIDIRECTIONAL DIFFERENTIAL-MODE PROTECTION
The SLVU2.8-4 provides two line pairs in a differential mode configuration. Circuit connectivity is as follows:
• Line Pair 1 connected to Pins 1, 2, 7 and 8.
• Line Pair 2 connected to Pins 3, 4, 5 and 6.
1
2
4
8
3
5
6
7
Line 1
Line 2
Line 3
Line 4


Similar Part No. - SLVU2.8-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Shanghai Leiditech Elec...
SLVU2.8-4 LEIDITECH-SLVU2.8-4 Datasheet
858Kb / 4P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Applied Power Microelec...
SLVU2.8-4 APMICRO-SLVU2.8-4 Datasheet
764Kb / 5P
   2.8V TVS Array For ESD and Latch-Up Protection
logo
Semtech Corporation
SLVU2.8-4 SEMTECH-SLVU2.8-4 Datasheet
201Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
More results

Similar Description - SLVU2.8-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVDA2.8LC PROTEC-SLVDA2.8LC_12 Datasheet
709Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8 PROTEC-SLVU2.8-8_11 Datasheet
695Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_12 Datasheet
699Kb / 8P
   600 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
SLVDA2.8LC PROTEC-SLVDA2.8LC_11 Datasheet
707Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8 PROTEC-SLVU2.8-8_12 Datasheet
697Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PAM12SO824 PROTEC-PAM12SO824 Datasheet
700Kb / 8P
   600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA05-LF PROTEC-PLCDA05-LF Datasheet
886Kb / 9P
   500 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
USB50803 PROTEC-USB50803_12 Datasheet
529Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
USB50803C PROTEC-USB50803C Datasheet
526Kb / 6P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_11 Datasheet
884Kb / 9P
   500 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com