Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRSB6.8C Datasheet(PDF) 4 Page - Protek Devices

Part # PRSB6.8C
Description  LOW CAPACITANCE MINIATURE TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PRSB6.8C Datasheet(HTML) 4 Page - Protek Devices

  PRSB6.8C_11 Datasheet HTML 1Page - Protek Devices PRSB6.8C_11 Datasheet HTML 2Page - Protek Devices PRSB6.8C_11 Datasheet HTML 3Page - Protek Devices PRSB6.8C_11 Datasheet HTML 4Page - Protek Devices PRSB6.8C_11 Datasheet HTML 5Page - Protek Devices PRSB6.8C_11 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05224.R13 6/11
Page 4
PRSB6.8C
DFn-2-0402 PaCkaGe inFoRmation
oPtion 1 - outline DimenSionS
Dim
millimeteRS
inCheS
min
maX
min
maX
A
0.99
1.04
0.039
0.041
B
0.58
0.64
0.023
0.025
C
0.43
0.48
0.017
0.019
H
0.13
0.18
0.005
0.007
L1
0.28
0.33
0.011
0.013
L2
0.23
0.28
0.009
0.011
L3
0.23
0.28
0.009
0.011
L4
0.18
0.23
0.007
0.009
noteS
1. Dimensioning and tolerances per ANSI Y14.M, 1985.
2. Controlling dimension: inches.
oPtion 1 - PaD laYout DimenSionS
Dim
millimeteRS
inCheS
min
maX
min
maX
A
0.737
0.787
0.029
0.031
B
0.331
0.381
0.013
0.015
C
0.356
0.406
0.014
0.016
E
1.423
1.523
0.056
0.060
F
0.534
0.584
0.021
0.023
noteS
1. Controlling dimension: inches.
2. Decimal tolerances for mounting pad: ±0.003” (±0.08 mm).
A
L1
L2
L3
1
2
TOP
BOTTOM
A
E
F
Solder Print Diameter
0.010” - 0.012”
B
C
C
END
B
L4
H


Similar Part No. - PRSB6.8C_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PRSB6.8C PROTEC-PRSB6.8C_12 Datasheet
523Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
More results

Similar Description - PRSB6.8C_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PRSB6.8CT PROTEC-PRSB6.8CT_12 Datasheet
627Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
P0201D05C PROTEC-P0201D05C_11 Datasheet
522Kb / 6P
   low capacitance miniature TVS ARRAY
PAM17DF2L05C PROTEC-PAM17DF2L05C Datasheet
632Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
PRSB6.8C PROTEC-PRSB6.8C_12 Datasheet
523Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
P0201D05C PROTEC-P0201D05C_12 Datasheet
481Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
PRSB6.8CT PROTEC-PRSB6.8CT Datasheet
625Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com