Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRSB6.8C Datasheet(PDF) 5 Page - Protek Devices

Part # PRSB6.8C
Description  LOW CAPACITANCE MINIATURE TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PRSB6.8C Datasheet(HTML) 5 Page - Protek Devices

  PRSB6.8C_11 Datasheet HTML 1Page - Protek Devices PRSB6.8C_11 Datasheet HTML 2Page - Protek Devices PRSB6.8C_11 Datasheet HTML 3Page - Protek Devices PRSB6.8C_11 Datasheet HTML 4Page - Protek Devices PRSB6.8C_11 Datasheet HTML 5Page - Protek Devices PRSB6.8C_11 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05224.R13 6/11
Page 5
PRSB6.8C
taPe anD Reel
oRDeRinG inFoRmation
BaSe PaRt numBeR
leaDFRee SuFFiX
taPe SuFFiX
QtY/Reel
Reel SiZe
tuBe QtY
PRSB6.8C
-LF
-T710
10,000
7”
n/a
This device is only available in a Lead-Free configuration.
SPeCiFiCationS
Reel Dia.
taPe
wiDth
a0
B0
k0
D
e
F
w
P0
P2
P
tmax
178mm (7”)
8mm
0.70 ± 0.05 1.15 ± 0.05 0.60 ± 0.003 1.55 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 2.00 ± 0.05
0.25
noteS
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T710 = 7” Reel - 10,000 pieces per 8mm tape.
4. Marking on Part - marking code (see page 2).
Package outline, pad layout and tape specifications per document number 06094.R1 3/11 - Option 1.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
T
User Direction of Feed
Top Cover
Tape


Similar Part No. - PRSB6.8C_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PRSB6.8C PROTEC-PRSB6.8C_12 Datasheet
523Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
More results

Similar Description - PRSB6.8C_11

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PRSB6.8CT PROTEC-PRSB6.8CT_12 Datasheet
627Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
P0201D05C PROTEC-P0201D05C_11 Datasheet
522Kb / 6P
   low capacitance miniature TVS ARRAY
PAM17DF2L05C PROTEC-PAM17DF2L05C Datasheet
632Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
PRSB6.8C PROTEC-PRSB6.8C_12 Datasheet
523Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
P0201D05C PROTEC-P0201D05C_12 Datasheet
481Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
PRSB6.8CT PROTEC-PRSB6.8CT Datasheet
625Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com