Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-230-12 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PB-230-12
Description  230W Single Output Battery Charger
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PB-230-12 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PB-230-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PB-230-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3 stage charging characteristic
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protection: Short circuit / Overload / Over voltage / Over temperature
2 color LED loading indicator
Low cost, high reliability
2 years warranty
Built-in cooling Fan ON-OFF control
Built-in remote ON-OFF control
Features :
PB-230-12
MODEL
BOOSTCHARGEVOLTAGE
FLOATCHARGEVOLTAGE
OUTPUTCURRENT
BATTERY TYPE
RECOMMENDEDBATTERY
CAPACITY(AMP HOURS)(Note5)
OUTPUT
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
ENVIRONMENT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
SAFETY &
EMC
(Note4)
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
OVERLOAD
OVERVOLTAGE
PROTECTION
ACCURRENT (Typ.)
14.4V
13.6V
16A
Open&SealedLead Acid
50~160Ah
90~264VAC127~370VDC
47~63Hz
81.5%
3A/115VAC1.5A/230VAC
COLDSTART 50A
<3.5mA /240VAC
90~110%ratedoutputcurrent
16~18V
Protectiontype: Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
Protectiontype: Automaticallyderatechargecurrentuntilzero
UL1012(forPB-230-xxAD1only), TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,lightindustrylevel,criteria A
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
-20~+50
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
MTBF
244.5Khrsmin.MIL-HDBK-217F(25
)
190*96*49mm(L*W*H)
DIMENSION
OTHERS
NOTE
PACKING
1.21Kg;12pcs/15.5Kg/1.29CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. This is Mean Well's suggested range. Please consult your battery manufacturer for their suggestions about maximum charging current limitation.
FUNCTION
REMOTECONTROL (CN105)
FANCONTROL
TEMPERATURESENSE
Open:NormalworkShort:StopCharging
RTH3
50
FanON,
45
FanOFF(Typ.)
ByNTC
PB-230-24
PB-230-48
28.8V
57.6V
27.2V
54.4V
8A
4A
24~80Ah
12~40Ah
85.5%
86%
31~35V
59~64V
FileName:PB-230-SPEC2011-08-18
ORDERNO.
OUTPUTCONNECTOR
SAFETY
PB-230-xx(standardmodel)
4pinpowerdin
TUV/CE
PB-230-xxAD1(optionalmodel)
PB-230-xx
xx=12,24,48;
=Blank, AD1
Andersonconnector
UL
POWERFACTOR(Typ.)
PF>0.95/230VACPF>0.98/115VACatfullload
TUV
Rheinland
ProductSafety
geprUfre
Sicherheit
( for PB-230-xxAD1 only)
CONNECTOR
PLUG
CABLE
Seepage2
thertypeavailablebycustomerrequested
;O
Seepage2
thertypeavailablebycustomerrequested
;O
230WSingleOutputBatteryCharger
PB-230 series
SPECIFICATION
EMCIMMUNITY
EMCEMISSION


Similar Part No. - PB-230-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-230-12 MEANWELL-PB-230-12 Datasheet
166Kb / 2P
   230W Single Output Battery Charger
More results

Similar Description - PB-230-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PB-230 MEANWELL-PB-230 Datasheet
166Kb / 2P
   230W Single Output Battery Charger
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
GC-220 TOTAL-POWER-GC-220 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC-160 TOTAL-POWER-GC-160 Datasheet
139Kb / 2P
   160W Single Output Battery Charger
logo
Mean Well Enterprises C...
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
   600W Single Output Battery Charger
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
   360W Single Output Battery Charger
GC220 MEANWELL-GC220_11 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
logo
List of Unclassifed Man...
PB-360P-24 ETC2-PB-360P-24 Datasheet
295Kb / 3P
   360W Single Output Battery Charger
logo
Mean Well Enterprises C...
GC330 MEANWELL-GC330 Datasheet
186Kb / 2P
   330W Single Output Battery Charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com