Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM22LOPR2268 Datasheet(PDF) 8 Page - Protek Devices

Part # PAM22LOPR2268
Description  LoPro??Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM22LOPR2268 Datasheet(HTML) 8 Page - Protek Devices

Back Button PAM22LOPR2268 Datasheet HTML 2Page - Protek Devices PAM22LOPR2268 Datasheet HTML 3Page - Protek Devices PAM22LOPR2268 Datasheet HTML 4Page - Protek Devices PAM22LOPR2268 Datasheet HTML 5Page - Protek Devices PAM22LOPR2268 Datasheet HTML 6Page - Protek Devices PAM22LOPR2268 Datasheet HTML 7Page - Protek Devices PAM22LOPR2268 Datasheet HTML 8Page - Protek Devices PAM22LOPR2268 Datasheet HTML 9Page - Protek Devices PAM22LOPR2268 Datasheet HTML 10Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ANALOG PRODUCTS DIVISION
2929 S Fair Lane, Tempe, AZ, 85282 Tel: (602) 431-8101. Fax: (602) 431-2288
www.protekdevices.com
8
PAM22LOPR2268
LoPro
Dual SPDT Analog Switch
95006 Rev0.01/12
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Package Layout and Dimensions
Note: Package Dimensions in millimeters
Tape and Reel Specifications
Reel Dia
A0
B0
K0
D
E
F
W
P0
P2
P
t-max
178 (7”)
1.47±0.05
1.73±0.05
0.65±0.05
1.50±0.10
1.75±0.10
3.50±0.05
12.00±0.30
4.00±0.10
2.00±0.05
4.00±0.10
0.25
DIM
MIN
TYP
Max
A
1.25
1.30
1.35
B
1.55
1.60
1.65
C
0.50
0.55
0.60
D
0.40
E
0.29
0.30
0.31
F
0.49
0.50
0.51
G
0.80 REF
c
0.00 - 0.05
c1
0.10 REF
f
0.15
0.20
0.25
g
0.59
0.60
0.61
A
B
C
Top View
Front View
c1
Bottom View
D
E
F
f
G
g
0.40
1.90
0.70
0.75
1.60
0.50
0.25
Recommended Land Pattern
Pin 1
Area
P0
P2
D
A0
B0
P
E
F
W
Pin 1
indicated
by Dot
K0
Top cover tape
t
10 Pitches Cumulative
Tolerance on Tape± 0.2


Similar Part No. - PAM22LOPR2268

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM22LOPR2268 PROTEC-PAM22LOPR2268_15 Datasheet
331Kb / 11P
   SPDT ANALOG SWITCH
More results

Similar Description - PAM22LOPR2268

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2222 PROTEC-PA2222 Datasheet
137Kb / 9P
   LoPro??Dual SPDT Analog Switch
PA2312 PROTEC-PA2312 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com