Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUZ102AL Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BUZ102AL
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ102AL Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BUZ102AL Datasheet HTML 1Page - Siemens Semiconductor Group BUZ102AL Datasheet HTML 2Page - Siemens Semiconductor Group BUZ102AL Datasheet HTML 3Page - Siemens Semiconductor Group BUZ102AL Datasheet HTML 4Page - Siemens Semiconductor Group BUZ102AL Datasheet HTML 5Page - Siemens Semiconductor Group BUZ102AL Datasheet HTML 6Page - Siemens Semiconductor Group BUZ102AL Datasheet HTML 7Page - Siemens Semiconductor Group BUZ102AL Datasheet HTML 8Page - Siemens Semiconductor Group BUZ102AL Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Semiconductor Group
4
07/96
BUZ 102AL
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-
-
42
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-
-
168
Inverse diode forward voltage
VGS = 0 V, IF = 84 A
VSD
-
1.2
1.7
V
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/µs
trr
-
85
-
ns
Reverse recovery charge
VR = 30 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
120
-
µC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn