Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA5026QN Datasheet(PDF) 4 Page - Protek Devices

Part # PA5026QN
Description  16-Bit Constant Current LED Sink Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5026QN Datasheet(HTML) 4 Page - Protek Devices

  PA5026QN Datasheet HTML 1Page - Protek Devices PA5026QN Datasheet HTML 2Page - Protek Devices PA5026QN Datasheet HTML 3Page - Protek Devices PA5026QN Datasheet HTML 4Page - Protek Devices PA5026QN Datasheet HTML 5Page - Protek Devices PA5026QN Datasheet HTML 6Page - Protek Devices PA5026QN Datasheet HTML 7Page - Protek Devices PA5026QN Datasheet HTML 8Page - Protek Devices PA5026QN Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PA5026
16-Bit
Constant Current LED Sink Driver
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
4
www.protekanalog.com
Not for use in any life support systems.
95180. Rev.2. 09/09
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
0~7.0
V
Input Voltage
VIN
-0.4~VDD + 0.4
V
Output Current
IOUT
+90
mA
Output Voltage
VDS
-0.5~+17.0
V
Clock Frequency
FCLK
25
MHz
GND Terminal Current
IGND
1440
mA
CN – type
2.32
CNS – type
1.87
CD – type
2.51
CF – type
2.12
CP – type
1.73
Power Dissipation
(On PCB, Ta=25°C)
CPA – type
PD
1.73
W
CN – type
53.82
CNS – type
66.74
CD– type
49.81
CF – type
59.01
CP – type
72.43
Thermal Resistance
(On PCB, Ta=25°C)
CPA – type
Rth(j-a)
72.43
°C/W
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-55~+150
°C


Similar Part No. - PA5026QN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA502CT-T1-A/AT RENESAS-PA502CT-T1-A/AT Datasheet
161Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
logo
List of Unclassifed Man...
PA502FMG ETC2-PA502FMG Datasheet
123Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PA502FMG UNIKC-PA502FMG Datasheet
542Kb / 5P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
PA502FMG VBSEMI-PA502FMG Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - PA5026QN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com