Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA5026S Datasheet(PDF) 5 Page - Protek Devices

Part # PA5026S
Description  16-Bit Constant Current LED Sink Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5026S Datasheet(HTML) 5 Page - Protek Devices

  PA5026S Datasheet HTML 1Page - Protek Devices PA5026S Datasheet HTML 2Page - Protek Devices PA5026S Datasheet HTML 3Page - Protek Devices PA5026S Datasheet HTML 4Page - Protek Devices PA5026S Datasheet HTML 5Page - Protek Devices PA5026S Datasheet HTML 6Page - Protek Devices PA5026S Datasheet HTML 7Page - Protek Devices PA5026S Datasheet HTML 8Page - Protek Devices PA5026S Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PA5026
16-Bit
Constant Current LED Sink Driver
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
5
www.protekanalog.com
Not for use in any life support systems.
95180. Rev.2. 09/09
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
-
2.5*
5.0
5.5
V
Output Voltage
VDS
OUT0 ~ OUT15
-
-
17.0
V
IOUT
DC Test Circuit
2
-
80
mA
IOH
SDO
-
-
-1.0
mA
Output Current
IOL
SDO
-
-
1.0
mA
“H” level
VIH
Ta = -40~85ºC
0.8VDD
-
VDD
V
Input Voltage
“L” level
VIL
Ta = -40~85ºC
GND
-
0.3VDD
V
Output Leakage Current
IOH
VOH=17.0V
-
-
0.5
μA
VOL
IOL=+1.0mA
-
-
0.4
V
Output Voltage
SDO
VOH
IOH=-1.0mA
4.6
-
-
V
Output Current 1
IOUT1
VDS=0.6V
Rext=720 Ω
-
26.25
-
mA
Current Skew
dIOUT1
IOL=26.25mA
VDS=0.6V
Rext=720 Ω
-
±1
±3
%
Output Current 2
IOUT2
VDS=0.8V
Rext=360 Ω
-
52.5
-
mA
Current Skew
dIOUT2
IOL=52.5mA
VDS=0.8V
Rext=360 Ω
-
±1
±3
%
Output Current vs.
Output Voltage Regulation
%/dVDS
VDS within 1.0V and 3.0V
-
±0.1
-
% / V
Output Current vs.
Supply Voltage Regulation
%/dVDD
VDD within 4.5V and 5.5V
-
±1
-
% / V
Pull-up Resistor
RIN(up)
OE
250
500
800
KΩ
Pull-down Resistor
RIN(down)
LE
250
500
800
KΩ
IDD(off) 1
Rext=Open, OUT0 ~ OUT15 =Off
-
7
12
IDD(off) 2
Rext=720 Ω, OUT0 ~ OUT15 =Off
-
10
12
“OFF”
IDD(off) 3
Rext=360 Ω, OUT0 ~ OUT15 =Off
-
12
15
IDD(on) 1
Rext=720 Ω, OUT0 ~ OUT15 =On
-
10
18
Supply
Current
“ON”
IDD(on) 2
Rext=360 Ω, OUT0 ~ OUT15 =On
-
12
20
mA
* 2.5V min for RED LED only Green and Blue LED require up to 4.0V


Similar Part No. - PA5026S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA502CT-T1-A/AT RENESAS-PA502CT-T1-A/AT Datasheet
161Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
logo
List of Unclassifed Man...
PA502FMG ETC2-PA502FMG Datasheet
123Kb / 5P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
PA502FMG UNIKC-PA502FMG Datasheet
542Kb / 5P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
PA502FMG VBSEMI-PA502FMG Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - PA5026S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com