Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4684DN Datasheet(PDF) 8 Page - Protek Devices

Part # PA4684DN
Description  Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4684DN Datasheet(HTML) 8 Page - Protek Devices

  PA4684DN Datasheet HTML 1Page - Protek Devices PA4684DN Datasheet HTML 2Page - Protek Devices PA4684DN Datasheet HTML 3Page - Protek Devices PA4684DN Datasheet HTML 4Page - Protek Devices PA4684DN Datasheet HTML 5Page - Protek Devices PA4684DN Datasheet HTML 6Page - Protek Devices PA4684DN Datasheet HTML 7Page - Protek Devices PA4684DN Datasheet HTML 8Page - Protek Devices PA4684DN Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
59
95080 Rev2.08/09
NOT FOR USE IN LIFE SUPPORT SYSTEMS
PA4684
Dual SPDT Analog Switch
Package Outline and Dimensions Flip-Chip 10-Bump
MILLIMETERS
Dim
MIN
TYP
MAX
P1
1.98
2.00
2.02
P2
1.49
1.50
1.52
P3
0.68
0.71
0.75
L1
0.30
0.32
0.34
L2
0.30
0.32
0.34
L3
0.22
0.24
0.26
p
0.50
0.50
0.50
L2
L1
p
P1
P2
TOP VIEW
BOTTOM VIEW
P3
L3
0.15mm Rad
0.5mm
0.5mm
SIDE VIEW
Tape and Reel Specifications
Reel Dia
A0
B0
K0
D
E
F
W
P0
P2
P
t-max
178 (7”)
1.68±0.10
2.18±0.10
0.85±0.10
1.50±0.10
1.75±0.10
3.50±0.05
12.00±0.30
4.00±0.10
2.00±0.05
4.00±0.10
0.25
P0
P2
D
A0
B0
P
E
F
Pin 1
indicated
by Dot
K0
Top cover tape
t
10 Pitches Cumulative
Tolerance on Tape± 0.2
W


Similar Part No. - PA4684DN

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA46 APEX-PA46 Datasheet
68Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
More results

Similar Description - PA4684DN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
logo
Intersil Corporation
HI-303 INTERSIL-HI-303 Datasheet
327Kb / 11P
   Dual, SPDT CMOS Analog Switch
logo
Protek Devices
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
   LoPro??Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com