Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4401DQ-T7 Datasheet(PDF) 6 Page - Protek Devices

Part # PA4401DQ-T7
Description  Click-Pop Suppression Device
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4401DQ-T7 Datasheet(HTML) 6 Page - Protek Devices

  PA4401DQ-T7 Datasheet HTML 1Page - Protek Devices PA4401DQ-T7 Datasheet HTML 2Page - Protek Devices PA4401DQ-T7 Datasheet HTML 3Page - Protek Devices PA4401DQ-T7 Datasheet HTML 4Page - Protek Devices PA4401DQ-T7 Datasheet HTML 5Page - Protek Devices PA4401DQ-T7 Datasheet HTML 6Page - Protek Devices PA4401DQ-T7 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PA4401
Click-Pop Suppression Device
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175, Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414-5141
www.protekanalog.com
95025. Rev.0. 05/2008
NOT FOR USE IN LIFE SUPPORT SYSTEMS
+ 0.0I0” (0.25 MM) M T B S A S
SO-8 PACKAGE OUTLINE & DIMENSIONS
SO-8
PACKAGE DIMENSIONS
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
B
C
D
F
G
J
K
P
R
4.80
3.80
1.35
0.35
0.40
1.27 BSC
0.18
0.10
5.80
0.25
5.00
4.00
1.75
0.49
1.250
1.27 BSC
0.25
0.25
6.20
0.50
0.189
0.150
0.054
0.014
0.016
0.05 BSC
0.007
0.004
0.229
0.010
0.196
0.157
0.068
0.019
0.049
0.05 BSC
0.009
0.008
0.244
0.019
PACKAGE OUTLINE
-A-
8
5
-B - P
+ 0.0I0” (0.25 MM) M B M
4 PL
I
4
D
G
C
45
0 - I0
-T-
J
F
8 PL
MOUNTING PAD
0.050 + 0.005”
0.030 + 0.005”
0.I60 + 0.005”
0.245” M!"
0.045 + 0.005”
NOTES
1. - T - = Seating Plane and Datum Surface.
2. Dimensions “A” and “B” are Datum.
3. Dimensions “A” and “B” do not include mold protrusion.
4. Maximum mold protrusion is 0.015” (0.380 mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
TAPE & REEL/BULK ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Suffix-T7 = 7 Inch Reel - 1,000 pieces per 12mm tape.
3. Suffix-T13 = 13 Inch Reel - 2,500 pieces per 12mm tape.
4. No Suffix = Product Shipped in Tubes of 98 pcs per Tube.
Outline & Dimensions: Rev 1 - 11/01, 06009


Similar Part No. - PA4401DQ-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA4402 PROTEC-PA4402 Datasheet
435Kb / 7P
   Click-Pop Suppression Device
PA4402 PROTEC-PA4402_15 Datasheet
429Kb / 7P
   CLICK-POP SUPPRESSION DEVICE
More results

Similar Description - PA4401DQ-T7

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA4402 PROTEC-PA4402 Datasheet
435Kb / 7P
   Click-Pop Suppression Device
PA4402 PROTEC-PA4402_15 Datasheet
429Kb / 7P
   CLICK-POP SUPPRESSION DEVICE
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
STMicroelectronics
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
   Near-zero pop and click
logo
Integrated Silicon Solu...
ISIS31AP4991 ISSI-ISIS31AP4991 Datasheet
256Kb / 5P
   Near-zero click-and-pop
logo
STMicroelectronics
STEVAL-CCA008V1 STMICROELECTRONICS-STEVAL-CCA008V1 Datasheet
162Kb / 4P
   Circuit free of Pop and click
logo
Will Semiconductor Ltd.
WSP6582C WILLSEMI-WSP6582C Datasheet
814Kb / 9P
   SwitchPro Family High Fidelity Stereo SPDT Switch with Pop and Click Suppression
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
   Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
   Shut Mode Audio Click-and-Pop Eliminator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com