Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2536DN-T13 Datasheet(PDF) 8 Page - Protek Devices

Part # PA2536DN-T13
Description  0.35廓 Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2536DN-T13 Datasheet(HTML) 8 Page - Protek Devices

  PA2536DN-T13 Datasheet HTML 1Page - Protek Devices PA2536DN-T13 Datasheet HTML 2Page - Protek Devices PA2536DN-T13 Datasheet HTML 3Page - Protek Devices PA2536DN-T13 Datasheet HTML 4Page - Protek Devices PA2536DN-T13 Datasheet HTML 5Page - Protek Devices PA2536DN-T13 Datasheet HTML 6Page - Protek Devices PA2536DN-T13 Datasheet HTML 7Page - Protek Devices PA2536DN-T13 Datasheet HTML 8Page - Protek Devices PA2536DN-T13 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
0.35Ω Dual SPDT Analog Switch
PA2535/2536
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 414--5141
www.protekanalog.com
8
95060 Rev.2. 10/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Package Outline and Dimensions DFN-10
MILLIMETERS
Dim
MIN
TYP
MAX
P1
2.95
3.00
3.05
P2
2.95
3.00
3.05
P3
0.80
0.85
0.85
L1
0.23
0.25
0.27
L2
0.35
0.40
0.45
L3
0.02
0.02
0.02
p
0.50
0.50
0.50
G1
2.35
2.40
2.45
G2
1.65
1.75
1.75
Tape and Reel Specifications
Reel Dia
A0
B0
K0
D
E
F
W
P0
P2
P
t-
max
178 (7”)
3.00±0.10
3.00±0.10
1.13±0.10
1.50±0.10
1.75±0.10
5.50±0.05
12.00±0.30
4.00±0.10
2.00±0.05
8.00±0.10
0.25
330(13”)
3.00±0.10
3.00±0.10
1.13±0.10
1.50±0.10
1.75±0.10
5.50±0.05
12.00±0.30
4.00±0.10
2.00±0.05
8.00±0.10
0.25
P3
L3
SIDE VIEW
Recommended Land Pattern
2.74mm
1.85mm
2.60mm
0.50mm
0.60mm
0.30mm
P0
P2
D
A0
B0
P
E
F
W
Pin 1
indicated
by Dot
K0
Top cover tape
t
10 Pitches Cumulative
Tolerance on Tape± 0.2
P1
P2
TOP VIEW
L2
L1
p
G2
BOTTOM VIEW
G1


Similar Part No. - PA2536DN-T13

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2532NL PULSE-PA2532NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
More results

Similar Description - PA2536DN-T13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com