Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2312 Datasheet(PDF) 5 Page - Protek Devices

Part # PA2312
Description  LoPro??Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2312 Datasheet(HTML) 5 Page - Protek Devices

  PA2312 Datasheet HTML 1Page - Protek Devices PA2312 Datasheet HTML 2Page - Protek Devices PA2312 Datasheet HTML 3Page - Protek Devices PA2312 Datasheet HTML 4Page - Protek Devices PA2312 Datasheet HTML 5Page - Protek Devices PA2312 Datasheet HTML 6Page - Protek Devices PA2312 Datasheet HTML 7Page - Protek Devices PA2312 Datasheet HTML 8Page - Protek Devices PA2312 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 632-1715
www.protekanalog.com
5
PA2312
LoPro
Dual SPDT Analog Switch
95210 Rev.2. 03/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
CL includes fixture and stray capacitance
Figure 1. AC Test Circuit
Note1.
Unused Input (NO or NC) must be grounded
Logic Input Waveforms inverted for Switches that have opposite logic
Figure2 AC Waveforms
Figure 3. Break Before Make Interval Timing
VIN
VOUT
RL
CL
50Ω
35pF
Logic
Input
GND
IN
NC
or NO
COM
tON
tOFF
VIH
VIL
Off
Off
On
50%
90%
90%
Logic
Input
Switch
Output
tr < 5nS
tf < 5nS
VIN
VOUT
RL
CL
50Ω
35pF
Logic
Input
GND
IN
NO
COM
50%
Logic
Input
0V
VOUT
tBBM
0.9 x VOUT
NC
Logic
Input


Similar Part No. - PA2312

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PA2319001 HAMMOND-PA2319001 Datasheet
67Kb / 1P
   PAINTED BLACK TEXTURED
PA2319003 HAMMOND-PA2319003 Datasheet
69Kb / 1P
   PAINTED BLACK TEXTURED
PA2319005 HAMMOND-PA2319005 Datasheet
73Kb / 1P
   PAINTED BLACK TEXTURED
More results

Similar Description - PA2312

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2222 PROTEC-PA2222 Datasheet
137Kb / 9P
   LoPro??Dual SPDT Analog Switch
PA2223 PROTEC-PA2223 Datasheet
134Kb / 9P
   LoPro??Dual SPDT Analog Switch
PAM22LOPR2268 PROTEC-PAM22LOPR2268 Datasheet
324Kb / 10P
   LoPro??Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com