Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5V0S1UL Datasheet(PDF) 2 Page - Protek Devices

Part # P5V0S1UL
Description  MINIATURE TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P5V0S1UL Datasheet(HTML) 2 Page - Protek Devices

  P5V0S1UL Datasheet HTML 1Page - Protek Devices P5V0S1UL Datasheet HTML 2Page - Protek Devices P5V0S1UL Datasheet HTML 3Page - Protek Devices P5V0S1UL Datasheet HTML 4Page - Protek Devices P5V0S1UL Datasheet HTML 5Page - Protek Devices P5V0S1UL Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05302.R1 3/11
Page 2
P5V0S1UL
tYPicaL DeVice chaRacteRiSticS
maXimUm RatinGS @ 25°c Unless otherwise Specified
PaRameteR
SYmBoL
VaLUe
UnitS
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
150
Watts
Peak Pulse Current (tp = 8/20µs)
I
PP
10
A
Soldering Temperature for 10 seconds
T
L
265
°C
Typical Forward Voltage @ 10mA
V
F
0.8
V
eLectRicaL chaRacteRiSticS PeR Line @ 25°c Unless otherwise Specified
PaRt
nUmBeR
DeVice
maRkinG
RateD
StanD-oFF
VoLtaGe
V
Wm
VoLtS
minimUm
BReakDoWn
VoLtaGe
@ 1ma
V
(BR)
VoLtS
maXimUm
cLamPinG
VoLtaGe
(Fig. 2)
@i
P = 1a
V
c
VoLtS
maXimUm
LeakaGe
cURRent
@V
Wm
i
D
µa
tYPicaL
caPacitance
@0V, 1mhz
c
pF
P5V0S1UL
5
5.0
6.0
9.8
1.0
70


Similar Part No. - P5V0S1UL

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P5V0S1ULC PROTEC-P5V0S1ULC Datasheet
598Kb / 6P
   LOW CAPACTANCE MINIATURE TVS ARRAY
P5V0S1ULC PROTEC-P5V0S1ULC_12 Datasheet
601Kb / 6P
   LOW CAPACITANCE MINIAURE TVS ARRAY
P5V0S1UL PROTEC-P5V0S1UL_12 Datasheet
597Kb / 6P
   MINIATURE TVS ARRAY
More results

Similar Description - P5V0S1UL

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLW0501D PROTEC-PLW0501D_12 Datasheet
876Kb / 7P
   miniature TVS ARRAY
P5V0S1UL PROTEC-P5V0S1UL_12 Datasheet
597Kb / 6P
   MINIATURE TVS ARRAY
PLW0501D PROTEC-PLW0501D_11 Datasheet
874Kb / 7P
   MINIATURE TVS ARRAY
PLW0501P PROTEC-PLW0501P_12 Datasheet
598Kb / 6P
   MINIATURE TVS ARRAY
PLW0501P PROTEC-PLW0501P Datasheet
596Kb / 6P
   MINIATURE TVS ARRAY
PRSB6.8CT PROTEC-PRSB6.8CT_12 Datasheet
627Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
P0201D05C PROTEC-P0201D05C_11 Datasheet
522Kb / 6P
   low capacitance miniature TVS ARRAY
P5V0S1ULC PROTEC-P5V0S1ULC Datasheet
598Kb / 6P
   LOW CAPACTANCE MINIATURE TVS ARRAY
PRSB6.8C PROTEC-PRSB6.8C_11 Datasheet
629Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
PAM17DF2L05C PROTEC-PAM17DF2L05C Datasheet
632Kb / 6P
   LOW CAPACITANCE MINIATURE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com