Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-05 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PS-05
Description  5W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PS-05 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PS-05_09 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PS-05_09 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
MechanicalSpecification
StaticCharacteristics
OutputDerating
-10
-10
0
10
20
30
40
50
60
20
40
60
80
100
105
90
40
85
50
60
70
80
95
100
90
100
264
PWM
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
ING
CONTROL
1
75
67
CN2
CN1
4-
3.5
2
1
2
3
TochassisGrounding
DCOutputConnector(CN1):Molex5273-02orequivalent
PinNo.
1
2
Assignment
+V
-V
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
ACInputConnector(CN2):Molex5285-03orequivalent
PinNo.
1
2
3
Assignment
FG
AC/N
AC/L
MatingHousing
Molex5058
Molex2478
orequivalent
orequivalent
Terminal
BlockDiagram
fosc:67KHz
5WSingleOutputSwitchingPowerSupply
P S - 0 5 series
(HORIZONTAL)
FileName:PS-05-SPEC2009-07-03


Similar Part No. - PS-05_09

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PS-05 MEANWELL-PS-05_09 Datasheet
567Kb / 2P
   5W Single Output Switching Power Supply
More results

Similar Description - PS-05_09

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PS-05 MEANWELL-PS-05_09 Datasheet
567Kb / 2P
   5W Single Output Switching Power Supply
PS-05 MEANWELL-PS-05 Datasheet
288Kb / 2P
   5W Single Output Switching Power Supply
PM-05 MEANWELL-PM-05_10 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
NFM-05 MEANWELL-NFM-05_12 Datasheet
250Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
NFM-05 MEANWELL-NFM-05 Datasheet
232Kb / 2P
   5W Output Switching Power Supply
logo
DIWELL Electronics Co.,...
IRM-05 DIWELL-IRM-05 Datasheet
151Kb / 2P
   5W Output Switching IRM-05 series Power Supply
2013-07-09
logo
CUI INC
VSBU-120 CUI-VSBU-120 Datasheet
212Kb / 3P
   Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com