Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD-45C-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # PSD-45C-12
Description  45W DC-DC Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PSD-45C-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  PSD-45C-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PSD-45C-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
DCOutputConnector(CN2):Molex5273-06orequivalent
PinNo.
1,2,3
4,5,6
Assignment
+V
-V
MatingHousing
Molex5195
orequivalent
Terminal
Molex5194
orequivalent
DCInputConnector(CN1):Molex5277-02orequivalent
PinNo.
1
2
Assignment
MatingHousing
Molex5195
Molex5194
orequivalent
orequivalent
Terminal
BlockDiagram
MechanicalSpecification
StaticCharacteristics
OutputDerating
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
-10
0
10
20
30
40
50
60
20
40
60
80
100
fosc:96KHz
Vin-
Vin+
FG
5.6
2
1
5
6
115.8
127
CN1
4-
3.8
CN2
4
3
2
1
M1
M2
O.V.P.
CONTROL
ING
-V
+V
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FG
I/P
FILTER
EMI
INPUTVOLTAGE(VDC)
9.2
11
12
18
100
80
60
40
20
Ta=25
16
P S D - 4 5 series
45WDC-DCSingleOutputSwitchingPowerSupply
18
21
24
36
30
36
41
48
72
56
FileName:PSD-45SPEC2011-03-09


Similar Part No. - PSD-45C-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSD-45C-12 MEANWELL-PSD-45C-12 Datasheet
450Kb / 2P
   45W DC-DC Single Output Switching Power Supply
More results

Similar Description - PSD-45C-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PSD-45 MEANWELL-PSD-45 Datasheet
450Kb / 2P
   45W DC-DC Single Output Switching Power Supply
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
   45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
PS-45 MEANWELL-PS-45 Datasheet
338Kb / 2P
   45W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-45 RSG-PS-45 Datasheet
197Kb / 2P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45 MEANWELL-EPS-45_12 Datasheet
1Mb / 3P
   45W Single Output Switching Power Supply
EPS-45-5-C MEANWELL-EPS-45-5-C Datasheet
1Mb / 4P
   45W Single Output Switching Power Supply
EPS-45 MEANWELL-EPS-45_11 Datasheet
583Kb / 3P
   45W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com