Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBW3320 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # SBW3320
Description  High Voltage Fast-Switching NPN Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

SBW3320 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  SBW3320 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd SBW3320 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Symbol
Parameter
Test Conditions
Value
Units
VCES
Collector-Emitter Voltage
VBE = 0
500
V
VCEO
Collector-Emitter Voltage
IB = 0
400
V
VEBO
Emitter-Base Voltage
IC = 0
7.0
V
IC
Collector Current
15
A
ICP
Collector pulse Current
30
A
IB
Base Current
5.0
A
IBM
Base Peak Current
tP = 5ms
10
A
PC
Total Dissipation at Tc = 25℃
80
W
TJ
Operation Junction Temperature
150
TSTG
Storage Temperature
-65 ~ 150
SBW3320
SBW3320
SBW3320
SBW3320
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
High
High
High
High Voltage
Voltage
Voltage
Voltage Fast-Swit
Fast-Swit
Fast-Swit
Fast-Switcccching
hing
hing
hing NPN
NPN
NPN
NPN Power
Power
Power
Power Transistor
Transistor
Transistor
Transistor
Features
◆ Very High Switching Speed
◆ High Voltage Capability
◆ Wide Reverse Bias SOA
General Description
This Device is designed for high voltage, High speed
switching characteristics required such as lighting system,
switching mode power supply.
Absolute Maximum Ratings
Thermal Characteristics
Symbol
Parameter
Value
Units
RθJc
Thermal Resistance Junction to Case
1.56
℃/W
RθJA
Thermal Resistance Junction to Ambient
62.5
℃/W
Jal 2011 .
Rev.2
T02-1
SBW3320
SBW3320
SBW3320
SBW3320
TO3P
TO3P
TO3P
TO3P
TO247
TO247
TO247
TO247
SBW3320
SBW3320
SBW3320
SBW3320W
W
W
W


Similar Part No. - SBW3320

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SBW3320 SEMIWELL-SBW3320 Datasheet
193Kb / 4P
   Switch Mode series NPN silicon Power Transistor
More results

Similar Description - SBW3320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com