Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCP-1000-24 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # RCP-1000-24
Description  1000 ~ 3000W Front End Power System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-1000-24 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  RCP-1000-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-1000-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-1000-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCP-1000-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCP-1000-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RCP-1000-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RCP-1000-24 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RCP-1000-24 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MechanicalSpecification(SingleUnit)
CaseNo.952A
Unit:mm
PFCfosc:110KHz
PWMfosc:90KHz
Input/Output
PinNo. Assignment(CN501):
CIB24W9M400A1
Connector
PostronicP
PinNo.
PinNo.
PinNo.
PinNo.
3,5,6
1,2,4
7
8
9
Assignment
Assignment
Assignment
Assignment
MatingHousing
-V
+V
ON/OFF
+S
-S
12
17
22
13
18
23
14
19
24
11
16
21
10
15
20
SDA
SCL
A0
A1
A2
V_TRIM
T_ALARM
AC_OK
DC_OK
CS
+5V_AUX
GND_AUX
FG
AC/L
AC/N
Postronic
PCIB24W9F400A1
BlockDiagram
direction
Airflow
41
24
1
2
3
4
5 7
9
10
12
13
15
16
18
19
21
6
22
24
23
CN501
295
SVR51
R C P series
&
PFC
FILTER
&
RECTIFIERS
AUXPOWER
(5V/0.3A)
PFC
CONTROL
O.L.P.
AUXGND
ORING
DIODE
SHARE
CURRENT
CURRENT
V_TRIM
SHARE
O.V.P.
2
IC
ON/OFF
RECTIFIERS
CONTROL
ON/OFF
DETECTION
CIRCUIT
DC_OK
T_ALARM
AC_OK
OPTIONAL
ICFUNCTION
2
FAN
LIMITING
ACTIVE
CURRENT
INRUSH
CONTROL
ING
I/P
-V
+V
RECTIFIERS
&
FILTER
SWITCH-
POWER
RECTIFIERS
FILTER
EMI
PWM
-S
+S
CIRCUIT
DETECTION
POWER
AUX
1000~3000WFrontEndPowerSystem
FileName:RCP series-SPEC2010-10-18


Similar Part No. - RCP-1000-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCP-1000-24 MEANWELL-RCP-1000-24 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
More results

Similar Description - RCP-1000-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCP-1000 MEANWELL-RCP-1000 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
logo
Bel Fuse Inc.
PFF3000-12-069RD BEL-PFF3000-12-069RD Datasheet
1Mb / 25P
   3000W DC-DC FRONT-END POWER SUPPLY
PFE3000-12-069RA BEL-PFE3000-12-069RA_18 Datasheet
2Mb / 27P
   3000W AC-DC FRONT-END POWER SUPPLY
logo
Mean Well Enterprises C...
RKP-1U MEANWELL-RKP-1U Datasheet
929Kb / 6P
   2000~6000W Front End Power System
logo
Artesyn Technologies
LCM1000L ARTESYN-LCM1000L Datasheet
977Kb / 6P
   1000 Watt Bulk Front End
logo
Vicor Corporation
EN1C11 VICOR-EN1C11_15 Datasheet
1Mb / 13P
   Component Power Front-end System for EN Compliance
EN1C11 VICOR-EN1C11_17 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
ENMODS VICOR-ENMODS Datasheet
733Kb / 13P
   Component Power Front-end System for EN Compliance
EN1XXX VICOR-EN1XXX Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
ENMOD VICOR-ENMOD Datasheet
347Kb / 12P
   ENMods Component Power Front End System for EN Compliance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com