Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD-65 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RD-65
Description  65W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RD-65 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RD-65_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RD-65_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
CaseNo.903Unit:mm
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
4.5
AMBIENTTEMPERATURE(
)
-25
-25
0
0
20
10
30
40
20
40
80
60
100
60
50
70 (VERTICAL)
BlockDiagram
fosc:60KHz
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
&
&
RECTIFIERS
RECTIFIERS
+V1
+V2
COM
I/P
FG
CONTROL
O.V.P.
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4,6
3
5
7
Assignment
Assignment
DCOUTPUT COM
DCOUTPUT +V2
DCOUTPUT +V1
FG
AC/L
AC/N
4.5
73.5
122.5
129
120
6.5
3.5
77
32
3-M
3
7
6
5
4
3
2
1
R D - 6 5 series
FileName:RD-65-SPEC2011-08-19
65WDualOutputSwitchingPowerSupply


Similar Part No. - RD-65_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RD-65 MEANWELL-RD-65_10 Datasheet
436Kb / 2P
   65W Dual Output Switching Power Supply
More results

Similar Description - RD-65_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD65 ASTRODYNE-PD65 Datasheet
327Kb / 4P
   65W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-65 TOTAL-POWER-RD-65 Datasheet
499Kb / 2P
   65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RID-65 MEANWELL-RID-65 Datasheet
429Kb / 2P
   65W Dual Output Switching Power Supply
RD-65 MEANWELL-RD-65_10 Datasheet
436Kb / 2P
   65W Dual Output Switching Power Supply
RID-65 MEANWELL-RID-65_10 Datasheet
437Kb / 2P
   65W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RID65 ASTRODYNE-RID65 Datasheet
640Kb / 4P
   65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65 Datasheet
424Kb / 2P
   65W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-65 RSG-PD-65 Datasheet
120Kb / 2P
   65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RID-65 MEANWELL-RID-65_11 Datasheet
437Kb / 2P
   65W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com