Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RID-50A Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RID-50A
Description  50W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RID-50A Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RID-50A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RID-50A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
CaseNo.905BUnit:mm
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
AMBIENTTEMPERATURE(
)
-25
-25
0
0
20
10
30
40
20
40
80
60
100
60
50
70 (VERTICAL)
BlockDiagram
fosc:50KHz
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
&
&
RECTIFIERS
RECTIFIERS
+V1
+V2
COM
I/P
FG
CONTROL
O.V.P.
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
6
3
4
5
7
Assignment
Assignment
DCOUTPUT G1
DCOUTPUT G2
DCOUTPUT +V2
DCOUTPUT +V1
FG
AC/L
AC/N
5.5
74
18
6.5
87
99
89
4.5
3.5
3.5
3.5
2-M
3
1
2
3
4
5
6
7
55
20.5
FileName:RID-50-SPEC2011-08-19
50WDualOutputSwitchingPowerSupply
R I D - 5 0 series


Similar Part No. - RID-50A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RID-50A MEANWELL-RID-50A Datasheet
414Kb / 2P
   50W Dual Output Switching Power Supply
RID-50A MEANWELL-RID-50A Datasheet
416Kb / 2P
   50W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RID-50A ASTRODYNE-RID-50A Datasheet
633Kb / 4P
   50W Dual Output Switching Power Supply
logo
Total Power Internation...
RID-50A TOTAL-POWER-RID-50A Datasheet
517Kb / 2P
   50W Dual Output Switching Power Supply
More results

Similar Description - RID-50A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
D-50 MEANWELL-D-50 Datasheet
391Kb / 2P
   50W Dual Output Switching Power Supply
RD-50 MEANWELL-RD-50 Datasheet
407Kb / 2P
   50W Dual Output Switching Power Supply
NED-50 MEANWELL-NED-50_10 Datasheet
425Kb / 2P
   50W Dual Output Switching Power Supply
NED-50 MEANWELL-NED-50 Datasheet
422Kb / 2P
   50W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
RD-50 RSG-RD-50 Datasheet
180Kb / 2P
   50W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-50 MEANWELL-RD-50_10 Datasheet
416Kb / 2P
   50W Dual Output Switching Power Supply
NED-50 MEANWELL-NED-50_11 Datasheet
425Kb / 2P
   50W Dual Output Switching Power Supply
logo
Total Power Internation...
RID-50 TOTAL-POWER-RID-50 Datasheet
517Kb / 2P
   50W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD-50 ASTRODYNE-RD-50 Datasheet
485Kb / 2P
   50W Dual Output Switching Power Supply
RID50 ASTRODYNE-RID50 Datasheet
633Kb / 4P
   50W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com