Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKP-6K1U-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RKP-6K1U-48
Description  RKP-1U_12
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RKP-6K1U-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RKP-6K1U-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RKP-6K1U-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RKP-6K1U-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RKP-6K1U-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RKP-6K1U-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RKP-6K1U-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features :
FileName:RKP-1URACKSYSTEM-SPEC2012-03-12
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Output of all the RCP-2000 modules are connected in parallel in the rack.
7. Under parallel operation of more than one rack connecting together, ripple of the output voltage may be higher than the SPEC at light load condition.
It will go back to normal ripple level once the output load is more than 10%.
SPECIFICATION-RackSystem
RKP-6K1U
-12
RKP-6K1U
-24
RKP-6K1U
-48
MODEL
VOLTAGERANGE
Note.5
MODULE
OUTPUTVOLTAGE
RACK
MAX.OUTPUTCURRENT
MAX.OUTPUTPOWER Note.6
FREQUENCY RANGE
INPUT
OUTPUT
LEAKAGECURRENT
ACCURRENT (Typ.)FOREACHUNIT
90~264VAC
127~370VDC
3600W
6048W
300A
126A
12V
RKP-1UIorRKP-1UT
48V
RCP-2000-12
RCP-2000-24
RCP-2000-48
47~63Hz
<3.5mA /230VAC
13A/115VAC7A/230VAC
16A/115VAC11A/230VAC
16A/115VAC11A/230VAC
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
DIMENSION
PACKING
OTHERS
UL60950-1, TUVEN60950-1approved
-40~+70
(Referto"DeratingCurve")
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
Rack483.6*350.8*44(L*W*H)
ENVIRONMENT
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.7KVDC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
11.5Kg;1pcs/11.5Kg/2.67CUFT
ACFAIL SIGNAL
DCOKSIGNAL
REMOTESENSE
REMOTEON/OFFCONTROL
AUXILIARY POWER
Theisolated TTL signalout,refertofunctionmanual
Theisolated TTL signalout,refertofunctionmanual
Compensatevoltagedropontheloadwiringupto0.5V."LocalSense"shouldbeconnectedinordertogetthecorrectoutputvoltageifthe"RemoteSense"isnotused
ByelectricalsignalordrycontactON:shortOFF:open
5V@0.3A,12V@0.8A
FUNCTION
Adjustmentofoutputvoltage,possiblebetween90~110%ofratedoutput
Logic"High"forovertemperaturewarning,refertofunctionmanual,isolatedsignal
SAFETY &
EMC
(Note4)
OVERTEMP WARNING
OUTPUTVOLTAGETRIM
5760W
240A
24V
Theisolated TTL signalout,refertofunctionmanual
FANFAIL SIGNAL
2000~6000WFrontEndPowerSystem
R K P - 1 UR a c kS y s t e m
SELECTIONGUIDE
Rack:RKP-1U
WholeSystem:RKP-6K1U
-
-
- CMU1
CMU1
I
I
12
Outputvoltage
CMU1:WithRKP-CMU1
CMU1:WithRKP-CMU1
I: ACInlet(IEC320-C20)
I: ACInlet(IEC320-C20)
: WithoutRKP-CMU1
:WithoutRKP-CMU1
T:Terminalblock
T:Terminalblock
-
-
Universal AC input / Full range
Output voltage trimming function
3 years warranty
Holds up to 3 power modules
Active current sharing up to 6000W(3 unit) in one 19”rack, 3 rack max.
can be operated in parallel (up to 9 units)
PMBus serial interface
IEC320-C20 or terminal block input
Front-end & rectifier applications
Stackable for system expansion
Low profile: 1U height, 19” rack mount
Hot swappable modules
RCP-2000 rack power system is an advanced 19” rack-mounted power system containing up to 3 hot-swappable RCP-2000 rectifiers and
can deliver up to 6000W in the single rack. Up to 3 racks can be stacked to provide expanded total system capability up to 18,000W that
are especially suitable for the application of servers, information technology equipment, networking, telecommunications, and wide
range of industrial applications using distributed power architecture. Equipped with PMBus communication protocol, RCP-2000 rack
system can be controlled or monitored by external device such as monitoring unit (RCP-CMU-1) or PC.
Description :
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61000-6-2(EN50082-2),heavyindustrylevel,criteria A
CompliancetoEN55022(CISPR22)ConductionClassB,RadiationClass A ;EN61000-3-2,-3
EMCIMMUNITY
EMCEMISSION


Similar Part No. - RKP-6K1U-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RKP-6K1U-48 MEANWELL-RKP-6K1U-48 Datasheet
929Kb / 6P
   2000~6000W Front End Power System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com