Electronic Components Datasheet Search |
|
RID-125-1248 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd. |
|
RID-125-1248 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd. |
2 / 3 page SPECIFICATION MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE Note.6 RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE SETUP,RISETIME HOLDUP TIME (Typ.) VOLTAGERANGE FREQUENCY RANGE EFFICIENCY(Typ.) ACCURRENT (Typ.) INPUT INRUSHCURRENT (Typ.) LEAKAGECURRENT SAFETY STANDARDS WORKINGTEMP. WORKINGHUMIDITY STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF DIMENSION OTHERS NOTE PACKING OVERLOAD OVERVOLTAGE 500ms,20ms/230VAC1200ms,30ms/115VAC atfullload 35ms/230VAC30ms/115VAC atfullload 47~63Hz 3A/115VAC2A/230VAC COLDSTART 40A/230VAC <2mA /240VAC >165% ratedoutputpower Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved UL60950-1, TUVEN60950-1approved CompliancetoEN55022(CISPR22)ClassB, EN61000-3-2,-3 CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61000-6-2(EN50082-2),heavyindustrylevel,criteria A -25~+70 (Referto"DeratingCurve") 20~90%RH non-condensing -40~+85 ,10~95%RH 0.03%/ (0~50 )onCH1output 10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes 218.2Khrsmin.MIL-HDBK-217F(25 ) 199*98*38mm(L*W*H) 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. Line regulation is measured from low line to high line at rated load. 5. Load regulation is measured from 20% to 100% rated load, and other output at 60% rated load. 6. Each output can work within current range. But total output power can't exceed rated output power. 7. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 8. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time. 9. 10% duty cycle maximum within every second. Average output power should not exceed the rated power. For guidance on how to perform these EMC tests, please refer to EMI testing of component power supplies. (as available on http://www.meanwell.com) FileName:RID-125-SPEC2011-08-19 Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved 125WDualOutputSwitchingPowerSupply Isolated output & GND for CH1,CH2 AC input range selectable by switch Withstand 300VAC surge input for 5 seconds Protections: Short circuit / Overload / Over voltage 170% peak load for CH1 All using 105 long life electrolytic capacitors Withstand 5G vibration test LED indicator for power on 100% full load burn-in test High realibility 3 years warranty Features : R I D - 1 2 5 series RIPPLE&NOISE(max.) Note.2 VOLTAGETOLERANCE Note.3 LINEREGULATION Note.4 LOADREGULATION Note.5 WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25 /70%RH ENVIRONMENT PROTECTION SAFETY & EMC (Note7) 88~132VAC/176~264VACselectedbyswitch248~373VDC(300VACpeak5sec.,nodamage) RID-125-1205 12V 5V CH2 CH2 9.2A 3A 2~10.5A 0~3A 3A 120mVp-p 80mVp-p CH1:11.4 ~13.2V 0.5% 2.0% 0.5% 3.0% 1.0% 2.0% 80% CH1:13.8~16.2V RID-125-2405 24V 5V 4.6A 3A 2~5.3A 7.8A 0~3A 3A 120mVp-p 80mVp-p CH1:22.8 ~26.4V 0.5% 2.0% 1.0% 0.5% 2.0% 3.0% 83% CH1:27.6~32.4V 0.7Kg;20pcs/15Kg/0.8CUFT CH1 CH1 OUTPUTNUMBER 125.4W 125.4W 15.6A PEAKLOAD Note.9 EMCIMMUNITY EMCEMISSION |
Similar Part No. - RID-125-1248 |
|
Similar Description - RID-125-1248 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |