Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPS-60-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # RPS-60-48
Description  60W Single Output Medical Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RPS-60-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  RPS-60-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RPS-60-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
RPS-60-3.3
RPS-60-12
RPS-60-5
RPS-60-15
RPS-60-24
RPS-60-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
PEAKLOAD(10sec.)
Note.4
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
3.3V
12V
5V
15V
24V
48V
10A
5A
10A
4A
2.5A
1.25A
0~11A
0~5.5A
0~11A
0~4.4A
0~2.75A
0~1.375A
33W
36.3W
60W
66W
50W
55W
60W
66W
60W
66W
60W
66W
80mVp-p
120mVp-p
80mVp-p
150mVp-p
240mVp-p
300mVp-p
3.1~3.6V
11.4~13.2V
4.75~5.5V
13.5~16.5V
22.8~27.6V
45.6~52.8V
2.0%
2.0%
2.0%
0.5%
0.5%
1.0%
1.0%
2.0%
0.5%
1.0%
1.0%
0.5%
1.0%
1.0%
0.5%
1.0%
0.5%
1.0%
500ms,30ms/230VAC500ms,30ms/115VAC atfullload
50ms/230VAC13ms/115VAC atfullload
90~264VAC127~370VDC
47~63Hz
3.8~5V
5.75~6.75V
13.8~16.2V
17.25~20.25V
28.4~32.4V
55.2~64.8V
74%
83%
79%
84%
85%
86%
1.8A/115VAC1 A/230VAC
COLDSTART 60A/230VAC30A/115VAC
115~150% ratedoutputpower
CompliancetoEN55011(CISPR11),EN55022(CISPR22)ClassB,EN61000-3-2,-3
-20~+70
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~45
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
353.6Khrsmin.MIL-HDBK-217F(25
)
FileName:RPS-60-SPEC2012-01-09
101.6*50.8*29mm(L*W*H)
60WSingleOutputMedical Type
R P S - 6 0 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note5)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. 33% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power.
5. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
6. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
Features :
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1, ANSI/AAMIES60601-1, TUVEN60601-1,IEC60601-1approved
Complianceto EN61000-4-2,3,4,5,6,8,11,EN55024,EN60601-1-2,EN61204-3,medicallevel,criteria A
4" 2" miniature size
Universal AC input/Full range
Low leakage current<200uA
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
ANSI/AAMI ES60601-1/IEC60601-1/EN60601-1 medical safety approved
No load power consumption<0.75W
Fixed switch frequency at 100KHz
3 years warranty
UL60950-1/IEC60950-1/EN60950-1 ITE safety approved
Forearth<200uA /264VAC,Forpatient<100uA/264VAC
I/P-O/P:4KVACI/P-FG:1.5KVACO/P-FG:1.5KVAC
0.15Kg;96pcs/15.4Kg/0.89CUFT
EMCIMMUNITY
EMCEMISSION


Similar Part No. - RPS-60-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-60-48 MEANWELL-RPS-60-48 Datasheet
287Kb / 2P
   60W Single Output Medical Type
RPS-60-48 MEANWELL-RPS-60-48 Datasheet
298Kb / 2P
   60W Single Output Medical Type
More results

Similar Description - RPS-60-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
   60W Single Output Medical Type
RPS-60 MEANWELL-RPS-60_11 Datasheet
298Kb / 2P
   60W Single Output Medical Type
GSM60 MEANWELL-GSM60 Datasheet
249Kb / 2P
   60W AC-DC Single Output Medical Type
RPD-60 MEANWELL-RPD-60_11 Datasheet
422Kb / 2P
   60W Dual Output Medical Type
RPT-60 MEANWELL-RPT-60_11 Datasheet
789Kb / 3P
   60W Triple Output Medical Type
RPT-60 MEANWELL-RPT-60_12 Datasheet
821Kb / 3P
   60W Triple Output Medical Type
RPD-60 MEANWELL-RPD-60_12 Datasheet
437Kb / 2P
   60W Dual Output Medical Type
RPD-60 MEANWELL-RPD-60 Datasheet
411Kb / 2P
   60W Dual Output Medical Type
RPT-60 MEANWELL-RPT-60 Datasheet
777Kb / 3P
   60W Triple Output Medical Type
logo
SL Power Electronics
MB60S SLPOWER-MB60S Datasheet
2Mb / 9P
   60W Single Output Medical Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com