Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ-65B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RQ-65B
Description  65W Quad Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RQ-65B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RQ-65B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RQ-65B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.903Unit:mm
AMBIENTTEMPERATURE(
)
-25
-25
0
0
10
20
30
40
50
60
20
40
60
80
100
FileName:RQ-65-SPEC2011-08-19
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
70
DeratingCurve
BlockDiagram
fosc:60KHz
TerminalPinNo. Assignment
PinNo.
PinNo.
5
1
6
2
7
3
8
4
Assignment
Assignment
DCOUTPUT V3
AC/L
DCOUTPUT +V2
AC/N
DCOUTPUT COM
FG
DCOUTPUT +V1
DCOUTPUT -V4
4.5
73.5
122.5
129
120
6.5
3.5
77
32
3-M
3
7
8
6
5
4
3
2
1
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
FILTER
FILTER
&
&
&
&
RECTIFIERS
RECTIFIERS
RECTIFIERS
RECTIFIERS
+V1
+V2
+V3
+V4
COM
I/P
FG
CONTROL
O.V.P.
65WQuadOutputSwitchingPowerSupply
R Q - 6 5 series
(VERTICAL)


Similar Part No. - RQ-65B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RQ-65B ASTRODYNE-RQ-65B Datasheet
322Kb / 2P
   65W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-65B MEANWELL-RQ-65B Datasheet
252Kb / 2P
   65W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
RQ-65B RSG-RQ-65B Datasheet
261Kb / 2P
   65W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-65B MEANWELL-RQ-65B Datasheet
254Kb / 2P
   65W Quad Output Switching Power Supply
logo
Total Power Internation...
RQ-65B TOTAL-POWER-RQ-65B Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
More results

Similar Description - RQ-65B

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
logo
Astrodyne Corporation
RQ65 ASTRODYNE-RQ65 Datasheet
340Kb / 4P
   65W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-65 MEANWELL-RQ-65_10 Datasheet
254Kb / 2P
   65W Quad Output Switching Power Supply
logo
Astrodyne Corporation
RQ-65 ASTRODYNE-RQ-65 Datasheet
322Kb / 2P
   65W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
RQ-65 RSG-RQ-65 Datasheet
261Kb / 2P
   65W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-65 MEANWELL-RQ-65 Datasheet
252Kb / 2P
   65W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
PT-65 MEANWELL-PT-65 Datasheet
429Kb / 2P
   65W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com