Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD-200C-24 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RSD-200C-24
Description  200W Railway Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSD-200C-24 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RSD-200C-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSD-200C-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.203A
Unit:mm
fosc:130KHz
BlockDiagram
CIRCUIT
DETECTION
O.L.P.
O.T.P.
O.V.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
PWM
DeratingCurve
AMBIENTTEMPERATURE(
)
100
10
0
20
40
60
80
-40
20
30
40
50 55 60
70
StaticCharacteristics(RSD-200D-24)
(HORIZONTAL)
Nobaseplate
Havebaseplate
360 360 2mm
FG
Input TerminalPinNo. Assignment:
Output TerminalPinNo. Assignment:
PinNo.
PinNo.
1
1
2
2
3
Assignment
Assignment
DCINPUT V+
DCOUTPUT -V
DCINPUT V-
DCOUTPUT +V
INPUTVOLTAGE(V)
57.6
60
65
85
95
105
115
125
135
145
154
350
32
300
28
250
24
200
20
150
16
100
12
50
8
200WRailwaySingleOutputDC-DCConverter
R S D - 2 0 0 series
FileName:RSD-200-SPEC 2012-03-09
I/P
1
2
3
4-R2.1
LED
4
183
191
2-R
2.1
1
2
O/P
4
183
15max.
10max.


Similar Part No. - RSD-200C-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
   200W Railway Single Output DC-DC Converter
More results

Similar Description - RSD-200C-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
   200W Railway Single Output DC-DC Converter
SD-200_1109 MEANWELL-SD-200_1109 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
SD-200 MEANWELL-SD-200_10 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-200 ASTRODYNE-SD-200 Datasheet
320Kb / 3P
   200W Single Output DC-DC Converter
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
   200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200 Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
RSD-300 MEANWELL-RSD-300 Datasheet
214Kb / 4P
   300W Railway Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100_12 Datasheet
282Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100 Datasheet
259Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-150 MEANWELL-RSD-150 Datasheet
256Kb / 2P
   150W Railway Single Output DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com